Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA0 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48RA0
Description  Remote Type 8-Bit MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48RA0 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RET
Return from subroutine
Description
The program counter is restored from the stack. This is a 2-cycle instruction.
Operation
PC
¬ Stack
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RET A,x
Return and place immediate data in the accumulator
Description
The program counter is restored from the stack and the accumulator loaded with the speci-
fied 8-bit immediate data.
Operation
PC
¬ Stack
ACC
¬ x
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RL [m]
Rotate data memory left
Description
The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0.
Operation
[m].(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
[m].0
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RLA [m]
Rotate data memory left and place result in the accumulator
Description
Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the
rotated result in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC.(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
ACC.0
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾¾
RLC [m]
Rotate data memory left through carry
Description
The contents of the specified data memory and the carry flag are rotated 1 bit left. Bit 7 re-
places the carry bit; the original carry flag is rotated into the bit 0 position.
Operation
[m].(i+1)
¬ [m].i; [m].i:bit i of the data memory (i=0~6)
[m].0
¬ C
C
¬ [m].7
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾¾¾¾¾
Ö
HT48RA0-2/HT48CA0-2
Rev. 1.50
21
July 23, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com