Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA0 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48RA0
Description  Remote Type 8-Bit MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48RA0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.0
¾
3.6
V
IDD
Operating Current
3V
No load, fSYS=4MHz
¾
0.7
1.5
mA
ISTB
Standby Current
3V
No load, system HALT
¾¾
1
mA
VIL1
Input Low Voltage for I/O Ports
3V
¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
3V
¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)3V
¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)3V
¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾¾
¾
1.9
2.0
V
IOL
I/O Ports Sink Current
3V
VOL=0.1VDD
48
¾
mA
IOH
PC0/REM Output Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
¾
400
¾
4000
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up, reset or wake-up
from HALT
¾
1024
¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
1
¾¾
ms
Note: tSYS=1/fSYS
HT48RA0-2/HT48CA0-2
Rev. 1.50
3
July 23, 2004
Functional Description
Execution Flow
The HT48RA0-2/HT48CA0-2 system clock can be de-
rived from a crystal/ceramic resonator oscillator. It is in-
ternally divided into four non-overlapping clocks. One
instruction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute within one cycle. If an instruc-
tion changes the program counter, two cycles are
required to complete the instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
I n s t r u c t i o n C y c l e
P C
Execution Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com