Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTY8SG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTY8SG
Description  Micro SIDELED 3010
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTY8SG Datasheet(HTML) 1 Page - OSRAM GmbH

  LTY8SG Datasheet HTML 1Page - OSRAM GmbH LTY8SG Datasheet HTML 2Page - OSRAM GmbH LTY8SG Datasheet HTML 3Page - OSRAM GmbH LTY8SG Datasheet HTML 4Page - OSRAM GmbH LTY8SG Datasheet HTML 5Page - OSRAM GmbH LTY8SG Datasheet HTML 6Page - OSRAM GmbH LTY8SG Datasheet HTML 7Page - OSRAM GmbH LTY8SG Datasheet HTML 8Page - OSRAM GmbH LTY8SG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-10-16
1
2014-10-16
Micro SIDELED 3010
Datasheet
Version 2.2
LT Y8SG
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen
Bauteilhöhe ist sie ideal für Anwendungen mit
begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: ThinGaN
•
Technologie: ThinGaN
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: true green (529 nm)
•
Farbe: true green (529 nm)
• Optical efficiency (typ.): 59 lm/W (true green)
•
Optischer Wirkungsgrad (typ.): 59 lm/W (true
green)
Applications
Anwendungen
• Coupling into Light Guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LTY8SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY8SG-V2AB-36-1 OSRAM-LTY8SG-V2AB-36-1 Datasheet
536Kb / 21P
Coupling into Light Guides
More results

Similar Description - LTY8SG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
Micro SIDELED 3010
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
Micro SIDELED 2808
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
Micro SIDELED 3010
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
Micro SIDELED
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
Micro SIDELED 2808
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com