Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4151 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # 2SC4151
Description  Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

2SC4151 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  2SC4151 Datasheet HTML 1Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 2Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 3Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 4Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 5Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 6Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M57161L-01
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
1
Gate Driver
Hybrid Integrated Circuit
For Driving IGBT Modules
Description:
M57161L-01 is a hybrid integrated
circuit designed for driving Powerex
F-Series IGBT modules. This gate
driver converts logic level control
signals into high current gate drive
withsuitableonand
offbias
voltages. Electrical isolation of the
input control signal is provided by an
integrated high-speed optocoupler.
A built-in isolated DC-DC converter
supplies gate drive power.
The
driver
has
short-circuit
and
undervoltage
protection
and
provides a fault status feedback
signal.
Features:
High output current (±) 7A peak
Isolated
DC-DC
converter
provides +15.5V/-5V drive
High-speed optocoupler isolates
input signal
Short-circuit and undervoltage
protection
Application:
Gate drive for IGBT modules with
internal RTC circuit in motor drive,
UPS, welder, etc.
Recommended Modules:
Powerex 600V and 1200V
F-Series IGBT Modules
DC-DC
Converter
Viso=
2500VRMS
Regulator
17.4 VDC
UV
Lock-Out
VGE
Detector
Fault
Latch and
Timer
Interface
Buffer
1
2
3
4
5
6
19
28
27
29
22
23
18
24
17
Optocoupler
VD
15V
+
-
VIN
5V
+
-
390
Ω
VCC
GND
Fault
td Adjust
VGE Detect
VO
VEE
Block Diagram
Dimensions
Inches
Millimeters
A
3.27 Max.
83.0 Max.
B
1.18 Max.
30.0 Max.
C
0.59 Max.
15.0 Max.
D
0.24 Max.
6.0 Max.
E
2.80
71.12
F
0.22 Max.
5.5 Max.
G
0.18 Max.
4.5 Max.
H
0.43 Max.
11.0 Max.


Similar Part No. - 2SC4151

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4151 SHINDENGEN-2SC4151 Datasheet
403Kb / 8P
Switching Power Transistor(15A NPN)
logo
Savantic, Inc.
2SC4151 SAVANTIC-2SC4151 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4151 JMNIC-2SC4151 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4151 SAVANTIC-2SC4151 Datasheet
224Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4151 JMNIC-2SC4151_15 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4151

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
MOSFET Gate Driver
December 21, 2006
logo
Powerex Power Semicondu...
M57160AL-01 POWEREX-M57160AL-01 Datasheet
86Kb / 6P
Gate Driver
logo
Sumida Corporation
CGDT76 SUMIDA-CGDT76 Datasheet
139Kb / 1P
Gate Driver Transformer
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
MOSFET Gate Driver
logo
Powerex Power Semicondu...
M57959L POWEREX-M57959L Datasheet
36Kb / 2P
Gate Driver
M57962 POWEREX-M57962 Datasheet
36Kb / 2P
Gate Driver
M57962CL-01 POWEREX-M57962CL-01 Datasheet
62Kb / 4P
Gate Driver
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
logo
LinkCom Manufacturing C...
LTC0266-50R LINKCOM-LTC0266-50R Datasheet
67Kb / 1P
Gate Driver Transformer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com