Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4151 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # 2SC4151
Description  Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

2SC4151 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  2SC4151 Datasheet HTML 1Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 2Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 3Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 4Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 5Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 6Page - Powerex Power Semiconductors 2SC4151 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M57161L-01
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
M57161L-01
Hybrid IC for IGBT Gate Driver
2
Absolute Maximum Ratings, Ta =25
°°°°C unless otherwise specified
Item
Symbol
Test Conditions
Ratings
Units
Supply Voltage
VD
16
Volts
Input Voltage
VIN
Applied between: Pin 5 - Pin 6
-1 ~ +7
Volts
Output Voltage
VO
ON State, VD = 15.7V
16.5
Volts
Output Current
IOHP
Pulse Width 1
µs,
-7
Amperes
IOLP
f
≤ 20kHz
7
Amperes
Isolation Voltage
Viso
Sine Wave Voltage, 60Hz, 1 minute
2500
Vrms
Case Temperature
TC
85
°C
Operating Temperature
Topr
-20 ~ +60
°C
Storage Temperature
Tstg
-25 ~ +100
°C
Fault Output Current
IFO
Sink Current Pin 27
25
mA
Applied 29 Pin
VR
VCC
Volts
Electrical Characteristics, Ta =25
°°°°C, VD = 15V, VIN = 5V, f = 20kHz, RG =2.2Ω
Ω
Ω
Ω, CM600HU-24F unless otherwise specified
Item
Symbol
Test Conditions
Limits
Units
Supply Voltage
VD
Recommended Range
14.3
15.0
15.7
Volts
Input Voltage
VIN
Recommended Range
4.5
5.0
5.5
Volts
"H" Input Current
IIH
Recommended Range
9
10
11
mA
Switching Frequency
f
Recommended Range
—
—
20
kHz
Gate Resistor
RG
Recommended Range
2.2
—
—
Ω
"H" Input Current
IIH
VIN =5V
—10
—
mA
Gate + Supply Voltage
VCC
VIN = 0V,f= 0Hz
17.0
17.4
17.8
Volts
Gate - Supply Voltage
VEE
VIN = 0V,f= 0Hz
-5.5
-6.5
-7.5
Volts
"H" Output Voltage
VOH
14
15.5
16.5
Volts
"L" Output Voltage
VOL
-4.0
-5.0
-6.0
Volts
"L-H" Propagation Time
tPLH
IIH =10mA
—0-.4
1
µs
"L-H" Rise Time
tr
IIH =10mA
—0.4
0.5
µs
"H-L" Propagation Time
tPHL
IIH =10mA
—1.3
2.0
µs
"H-L" Fall Time
tf
IIH =10mA
—0.4
0.5
µs
Timer
ttimer
Duration with Input Signal in
OFF State
1.5
—
2.5
ms
Fault Output Current
IFO
Applied Pin 27, R = 470
Ω
—12
—
mA
Short-circuit Detect Delay Time
tTRIP
Pin 29: 11V,
—
3.5
—
µs
Total Shut-down Time
td
Pin 28: Open
—
6.5
—
µs
VCC at UV Protect
VCL
Measured at Pin 18 – Pin 19
14.2
15.2
16.2
Volts
Short-circuit Detect Voltage
VSC
11.0
11.6
12.2
Volts



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com