Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX4R11 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4R11
Description  4A Half-Bridge Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4R11 Datasheet(HTML) 1 Page - IXYS Corporation

  IX4R11 Datasheet HTML 1Page - IXYS Corporation IX4R11 Datasheet HTML 2Page - IXYS Corporation IX4R11 Datasheet HTML 3Page - IXYS Corporation IX4R11 Datasheet HTML 4Page - IXYS Corporation IX4R11 Datasheet HTML 5Page - IXYS Corporation IX4R11 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Floating High Side Driver with boot-strap Power
supply along with a Low Side Driver.
• Fully operational to 650V
• ± 50V/ns dV/dt immunity
• Gate drive power supply range: 10 - 35V
• Undervoltage lockout for both output drivers
• Separate Logic power supply range: 3.3V to V
CL
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up protected over entire
operating range
• High peak output current: 4A
• Matched propagation delay for both outputs
• Low output impedance
• Low power supply current
• Immune to negative voltage transients
Preliminary Data Sheet
IX4R11
First Release
Copyright © IXYS CORPORATION 2004
General Description
The IX4R11 Bridge Driver for N-channel MOSFETs and IGBTs
with a high side and low side output, whose input signals
reference the low side. The High Side driver can control a
MOSFET or IGBT connected to a positive buss voltage up to
650V. The logic input stages are compatible with TTL or
CMOS, have built-in hysteresis and are fully immune to latch
up over the entire operating range. The IX4R11 can withstand
dV/dt on the output side up to ± 50V/ns.
The IX4R11 comes in either the 16-PIN SOIC package
(IX4R11S3) or the 14-PIN DIP through-hole package
(IX4R11P7)
Figure 1. Typical Circuit Connection
4A Half-Bridge Driver
Applications
• Driving MOSFETs and IGBTs in half-bridge circuits
• High voltage, high side and low side drivers
• Motor Controls
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Class D Switching Amplifiers
Warning: The IX4R11 is ESD sensitive.
DS99164A(08/04)


Similar Part No. - IX4R11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IX40G-A-10S-CV HIROSE-IX40G-A-10S-CV Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
IX40G-B-10S-CV HIROSE-IX40G-B-10S-CV Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
TECH PUBLIC Electronics...
IX4310TTR-TP TECHPUBLIC-IX4310TTR-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
IXYS Corporation
IX4340 IXYS-IX4340 Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340N IXYS-IX4340N Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
More results

Similar Description - IX4R11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA506A STMICROELECTRONICS-STA506A_04 Datasheet
642Kb / 14P
45V 4A QUAD POWER HALF BRIDGE
Nov-2004
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
International Rectifier
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
Monolithic Power System...
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com