Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4007 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4007 Datasheet HTML 10Page - Linear Technology LTC4007 Datasheet HTML 11Page - Linear Technology LTC4007 Datasheet HTML 12Page - Linear Technology LTC4007 Datasheet HTML 13Page - Linear Technology LTC4007 Datasheet HTML 14Page - Linear Technology LTC4007 Datasheet HTML 15Page - Linear Technology LTC4007 Datasheet HTML 16Page - Linear Technology LTC4007 Datasheet HTML 17Page - Linear Technology LTC4007 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC4007
4007i
Highest possible voltage rating on the capacitor will mini-
mize problems. Consult with the manufacturer before use.
Alternatives include new high capacity ceramic (at least
20
µF) from Tokin, United Chemi-Con/Marcon, et al. Other
alternative capacitors include OS-CON capacitors from
Sanyo.
The output capacitor (C3) is also assumed to absorb
output switching current ripple. The general formula for
capacitor current is:
I
V
V
V
Lf
RMS
BAT
BAT
DCIN
=
()


()( )
029
1
1
.–
For example:
VDCIN = 19V, VBAT = 12.6V, L1 = 10µH, and
f = 300kHz, IRMS = 0.41A.
EMI considerations usually make it desirable to minimize
ripple current in the battery leads, and beads or inductors
may be added to increase battery impedance at the 300kHz
switching frequency. Switching ripple current splits be-
tween the battery and the output capacitor depending on
the ESR of the output capacitor and the battery imped-
ance. If the ESR of C3 is 0.2
Ω and the battery impedance
is raised to 4
Ω with a bead or inductor, only 5% of the
current ripple will flow in the battery.
Inductor Selection
Higher operating frequencies allow the use of smaller
inductor and capacitor values. A higher frequency gener-
ally results in lower efficiency because of MOSFET gate
charge losses. In addition, the effect of inductor value on
ripple current and low current operation must also be
considered. The inductor ripple current
∆IL decreases
with higher frequency and increases with higher VIN.
∆= ()( )


I
fL
V
V
V
L
OUT
OUT
IN
1
1–
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL = 0.4(IMAX). In no case should
∆IL exceed 0.6(IMAX) due to limits imposed by IREV and
CA1. Remember the maximum
∆IL occurs at the maxi-
mum input voltage. In practice 10
µH is the lowest value
recommended for use.
Lower charger currents generally call for larger inductor
values. Use Table 4 as a guide for selecting the correct
inductor value for your application.
Table 4
MAX AVERAGE
MINIMUM INDUCTOR
CURRENT (A)
INPUT VOLTAGE (V)
VALUE (
µH)
1
≤20
40
±20%
1>20
56
±20%
2
≤20
20
±20%
2>20
30
±20%
3
≤20
15
±20%
3>20
20
±20%
4
≤20
10
±20%
4>20
15
±20%
Charger Switching Power MOSFET
and Diode Selection
Two external power MOSFETs must be selected for use
with the charger: a P-channel MOSFET for the top (main)
switch and an N-channel MOSFET for the bottom (syn-
chronous) switch.
The peak-to-peak gate drive levels are set internally. This
voltage is typically 6V. Consequently, logic-level threshold
MOSFETs must be used. Pay close attention to the BVDSS
specification for the MOSFETs as well; many of the logic
level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), total gate capacitance QG, reverse
transfer capacitance CRSS, input voltage and maximum
output current. The charger is operating in continuous
mode at moderate to high currents so the duty cycles for
the top and bottom MOSFETs are given by:
Main Switch Duty Cycle = VOUT/VIN
Synchronous Switch Duty Cycle = (VIN – VOUT)/VIN.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com