Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4007 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4007 Datasheet HTML 12Page - Linear Technology LTC4007 Datasheet HTML 13Page - Linear Technology LTC4007 Datasheet HTML 14Page - Linear Technology LTC4007 Datasheet HTML 15Page - Linear Technology LTC4007 Datasheet HTML 16Page - Linear Technology LTC4007 Datasheet HTML 17Page - Linear Technology LTC4007 Datasheet HTML 18Page - Linear Technology LTC4007 Datasheet HTML 19Page - Linear Technology LTC4007 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC4007
4007i
Figure 11. Circuit Application (16.8V/3A) to Automatically Trickle Charge Depleted Batteries
3C4C
CHEM
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
NTC
RT
LOBAT
ICL
ACP
SHDN
FAULT
CHG
FLAG
DCIN
INFET
CLP
CLN
TGATE
BGATE
PGND
CSP
BAT
PROG
ITH
GND
LTC4007
R9 32.4k 1%
RT
309k
1%
C7
0.47
µF
THERMISTOR
TIMING RESISTOR
(~2 HOURS)
R12
100k
R11
100k
R10
100k
VLOGIC
*
*
DCIN
0V TO 20V
3A
C1
0.1
µF
Q3
INPUT SWITCH
C4
15nF
Q1
Q2
D1
C2
20
µF
L1
15
µH 3A
R1
4.9k
1%
R4
3.01k
1%
R5 3.01k 1%
RSENSE
0.033
Ω
1%
RCL
0.033
Ω
1%
C3
20
µF
*PIN OPEN
D1: MBRM140T3
Q1: Si4431ADY
Q2: FDC645N
Q4: 2N7002 OR BSS138
BAT
MONITOR
(CHARGING
CURRENT
MONITOR)
SYSTEM
LOAD
C6
0.12
µF
R7
6.04k
1%
R14
73.2k
1%
C5
0.0047
µF
4007 F11
R6
26.7k
1%
Q4
5. Place output capacitors next to the sense resistor
output and ground.
6. Output capacitor ground connections need to feed
into same copper that connects to the input capacitor
ground before tying back into system ground.
General Rules
7. Connection of switching ground to system ground or
internal ground plane should be single point. If the
system has an internal system ground plane, a good
way to do this is to cluster vias into a single star point
to make the connection.
8. Route analog ground as a trace tied back to IC ground
(analog ground pin if present) before connecting to
any other ground. Avoid using the system ground
plane. CAD trick: make analog ground a separate
ground net and use a 0
Ω resistor to tie analog ground
to system ground.
9. A good rule of thumb for via count for a given high
current path is to use 0.5A per via. Be consistent.
10. If possible, place all the parts listed above on the same
PCB layer.
11. Copper fills or pours are good for all power connec-
tions except as noted above in Rule 3. You can also use
copper planes on multiple layers in parallel too—this
helps with thermal management and lower trace in-
ductance improving EMI performance further.
12. For best current programming accuracy provide a
Kelvin connection from RSENSE to CSP and BAT. See
Figure 12 as an example.
It is important to keep the parasitic capacitance on the RT,
CSP and BAT pins to a minimum. The traces connecting
these pins to their respective resistors should be as short
as possible.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com