Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6166 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6166
Description  Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6166 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6166 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6166 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6166 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Medium Power 50 Watts RF Load Up To 4 GHz With SMA Male Input Square Body Black Anodized Aluminum Heatsink from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 4 GHz With SMA Male Input Square Body Black Anodized
Aluminum Heatsink PE6166
URL: http://www.pasternack.com/50-watts-sma-male-rf-load-up-to-4-ghz-pe6166-p.aspx
PE6166
PE6166 REV 1.2
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
Male Input Square Body Black Anodized Aluminum Heatsink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com