Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6166 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6166
Description  Medium Power 50 Watts RF Load Up To 4 GHz With SMA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6166 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6166 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6166 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6166 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
SMA Male
Heat Sink
Black Anodized Aluminum Heatsink
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Input Power, Watts
50
Peak Power, KWatts
5
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.15:1
Frequency 2
Frequency, GHz
2 to 4
VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
5.195 [131.95]
Width/Dia., in [mm]
2.765 [70.23]
Height, in [mm]
3.5 [88.9]
.
Connector
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6166
PE6166 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 50 Watts RF Load Up To 4 GHz With SMA Male Input Square Body Black
Anodized Aluminum Heatsink PE6166
Medium Power 50 Watts RF Load Up To 4 GHz With SMA
Male Input Square Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6166 PASTERNACK-PE6166 Datasheet
292Kb / 1P
SMA MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
More results

Similar Description - PE6166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6211 PASTERNACK-PE6211 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6212 PASTERNACK-PE6212 Datasheet
249Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With SMA
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6216 PASTERNACK-PE6216 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz With TNC
PE6188 PASTERNACK-PE6188 Datasheet
203Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz With N Male
PE6112 PASTERNACK-PE6112_14 Datasheet
179Kb / 2P
Medium Power 50 Watts RF Load Up To 7 GHz
PE6167 PASTERNACK-PE6167_14 Datasheet
206Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
PE6169 PASTERNACK-PE6169 Datasheet
178Kb / 3P
Medium Power 50 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com