Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0124 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0124
Description  N Male to N Male Cable Using 1/4 inch Superflexible Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0124 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0124 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dielectric Type
PE (F)
Number of Shields
1
Shield Layer 1
Helically Corrugated Copper Tube
Jacket Material
PE, Black
Jacket Diameter
0.303 in [7.7 mm]
.
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Repeated Minimum Bend Radius
1 in [25.4 mm]
Typical Flex Cycles
20
Tensile Strength
79 lbs [35.83 Kg]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Male
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
500
Contact Material and Plating
Spring Copper, Silver
Spring Copper, Silver
Contact Plating Specification
200 [5] µ in. [µm] minimum
200 [5] µ in. [µm] minimum
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Outer Conductor Plating Specification
78 [2] µ in. [µm] minimum
78 [2] µ in. [µm] minimum
Coupling Nut Material and Plating
Brass, Nickel
Brass, Nickel
Coupling Nut Plating Specification
200 [5] µ in. [µm] minimum
200 [5] µ in. [µm] minimum
Hex Size
19 mm
19 mm
Torque
15 in-lbs [1.7 Nm]
15 in-lbs [1.7 Nm]
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Body Plating Specification
78 [2] µ in. [µm] minimum
78 [2] µ in. [µm] minimum
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
PE3C0124 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using 1/4 inch Superflexible Coax PE3C0124
RF Cable Assemblies Technical Data Sheet
PE3C0124
N Male to N Male Cable Using 1/4 inch Superflexible Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com