Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0124 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0124
Description  N Male to N Male Cable Using 1/4 inch Superflexible Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0124 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0124 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0124 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
•
Cable Type: 1/4” Superflexible
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.21:1
Velocity of Propagation
82
%
RF Shielding
120
dB
Capacitance
24.4 [80.05]
pF/ft [pF/m]
Inductance
0.059 [0.19]
uH/ft [uH/m]
DC Resistance Inner Conductor
3.2 [10.5]
Ω/1000ft [Ω/Km]
DC Resistance Outer Conductor
2.53 [8.3]
Ω/1000ft [Ω/Km]
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
VSWR
(Max.)
1.21:1
1.21:1
1.21:1
1.21:1
1.21:1
Return Loss
(Max.)
20.44
20.444
20.444
20.444
20.444
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.748 in [19 mm]
.
Weight
0.2 lbs [90.72 g]
Cable
Cable Type
1/4” Superflexible
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Aluminum
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using 1/4 inch Superflexible Coax PE3C0124
PE3C0124 REV 1.1
N Male to N Male Cable Using 1/4 inch Superflexible Coax
RF Cable Assemblies Technical Data Sheet
PE3C0124


Similar Part No. - PE3C0124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0124-12 PASTERNACK-PE3C0124-12 Datasheet
437Kb / 4P
N Male to N Male Cable 12 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-24 PASTERNACK-PE3C0124-24 Datasheet
437Kb / 4P
N Male to N Male Cable 24 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-36 PASTERNACK-PE3C0124-36 Datasheet
438Kb / 4P
N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PE3C0124-48 PASTERNACK-PE3C0124-48 Datasheet
437Kb / 4P
N Male to N Male Cable 48 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-60 PASTERNACK-PE3C0124-60 Datasheet
438Kb / 4P
N Male to N Male Cable 60 Inch Length Using 1/4 inch Superflexible Coax
More results

Similar Description - PE3C0124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37968-36 PASTERNACK-PE37968-36 Datasheet
414Kb / 5P
N Male to N Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax
PE3C0124-12 PASTERNACK-PE3C0124-12 Datasheet
437Kb / 4P
N Male to N Male Cable 12 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-24 PASTERNACK-PE3C0124-24 Datasheet
437Kb / 4P
N Male to N Male Cable 24 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-36 PASTERNACK-PE3C0124-36 Datasheet
438Kb / 4P
N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PE3C0124-48 PASTERNACK-PE3C0124-48 Datasheet
437Kb / 4P
N Male to N Male Cable 48 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0124-60 PASTERNACK-PE3C0124-60 Datasheet
438Kb / 4P
N Male to N Male Cable 60 Inch Length Using 1/4 inch Superflexible Coax
PE3C0125-36 PASTERNACK-PE3C0125-36 Datasheet
195Kb / 3P
N Male to N Female Cable 36 Inch LengthUsing 1/4 inch Superflexible Coax
PE3C0125-48 PASTERNACK-PE3C0125-48 Datasheet
194Kb / 3P
N Male to N Female Cable 48 Inch Length Using 1/4 inch Superflexible Coax
PE39804 PASTERNACK-PE39804 Datasheet
396Kb / 4P
N Male to N Male Low PIM Cable Using 1/2 inch Superflexible Coax, RoHS
PE3C7842-200CM PASTERNACK-PE3C7842-200CM Datasheet
654Kb / 5P
N Male to N Male Cable 200 Cm Length Using 1/4 inch Superflexible Coax
REV 1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com