Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC4017 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC4017
Description  Decade Counter/Divider with 10 Decoded Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC4017 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HC4017 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Clock Frequency
Measured with
50
30
MHz
respect to carry line
tPHL tPLH
Maximum Propagation
26
44
ns
Delay Enable to Carry-Out Line
tPHL tPLH
Maximum Propagation
27
44
ns
Delay Enable Decode-Out Lines
tPHL tPLH
Maximum Propagation
23
40
ns
Delay Reset or Clock to Decode Out
tPHL tPLH
Maximum Propagation
23
40
ns
Delay Reset or Clock to Carry Out
tS
Minimum Clock Inhibit to Clock
12
20
ns
Set-Up Time
tW
Minimum Clock or Reset Pulse Width
8
16
ns
tREM
Minimum Reset Removal Time
20
10
ns
AC Electrical Characteristics VCCe20–60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
fMAX
Maximum Clock Frequency
Measured with
20V
6
5
4
MHz
respect to carry line 45V
30
24
20
MHz
60V
35
28
24
MHz
tPHL tPLH Maximum Propagation
20V 89
250
312
375
ns
Delay Enable to Carry-Out Line
45V 25
50
63
75
ns
60V 20
43
54
65
ns
tPHL tPLH Maximum Propagation
20V 90
250
312
375
ns
Delay Enable to Decode Out Line
45V 25
50
63
75
ns
60V 20
43
54
65
ns
tPHL tPLH Maximum Propagation
20V 82
230
288
345
ns
Delay Reset or Clock to Decode Out
45V 22
46
58
69
ns
60V 18
39
49
59
ns
tPHL tPLH Maximum Propagation
20V 82
230
288
345
ns
Delay Reset or Clock to Carry Out
45V 22
46
58
69
ns
60V 18
39
49
59
ns
tW
Minimum Reset Clock or
20V 30
80
100
120
ns
Clock Enable Pulse Width
45V
9
16
20
24
ns
60V
8
14
18
21
ns
tREM
Minimum Reset Removal Time
20V
100
125
150
ns
45V
20
25
30
ns
60V
17
21
25
ns
tS tH
Minimum Clock Inhibit
20V
50
63
75
ns
to Clock Set-Up or Hold Time
45V
10
13
15
ns
60V
9
11
13
ns
tTHL tTLH Maximum Output Rise
20V 30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
tr tf
Minimum Input Rise and Fall Time
20V
1000
1000
1000
ns
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation
(per package)
pF
Capacitance (Note 5)
CIN
Maximum Input Capacitance
5
10
10
10
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com