Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM74HC4017 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC4017
Description  Decade Counter/Divider with 10 Decoded Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC4017 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC4017 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC4017 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5351
January 1988
MM54HC4017MM74HC4017
Decade CounterDivider with 10 Decoded Outputs
General Description
The MM54HC4017MM74HC4017 is a 5-stage Johnson
counter with 10 decoded outputs that utilizes advanced sili-
con-gate CMOS technology Each of the decoded outputs is
normally low and sequentially goes high on the low to high
transition of the clock input Each output stays high for one
clock period of the 10 clock period cycle The CARRY out-
put transitions low to high after OUTPUT 9 goes low and
can be used in conjunction with the CLOCK ENABLE to
cascade several stages The CLOCK ENABLE input dis-
ables counting when in the high state A RESET input is
also provided which when taken high sets all the decoded
outputs low except output 0
The MM54HC4017MM74HC4017 is functionally and pinout
equivalent to the CD4017BMCD4017BC
It can drive
up to 10 low power Schottky equivalent loads All inputs are
protected from damage due to static discharge by diodes
from VCC and ground
Features
Y
Wide power supply range 2 – 6V
Y
Typical operating frequency 30 MHz
Y
Fanout of 10 LS-TTL loads
Y
Low quiescent current 80 mA (74HC Series)
Y
Low input current 10 mA
Connection Diagram
Dual-In-Line and Flat Package
TLF5351 – 1
Order Number MM54HC4017 or MM74HC4017
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC4016 NSC-MM74HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
MM74HC4016J NSC-MM74HC4016J Datasheet
171Kb / 8P
Quad Analog Switch
MM74HC4016N NSC-MM74HC4016N Datasheet
171Kb / 8P
Quad Analog Switch
More results

Similar Description - MM74HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Texas Instruments
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
Johnson decade counter with 10 decoded outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com