Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN60H080DS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN60H080DS
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN60H080DS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN60H080DS Datasheet HTML 1Page - Diodes Incorporated DMN60H080DS Datasheet HTML 2Page - Diodes Incorporated DMN60H080DS Datasheet HTML 3Page - Diodes Incorporated DMN60H080DS Datasheet HTML 4Page - Diodes Incorporated DMN60H080DS Datasheet HTML 5Page - Diodes Incorporated DMN60H080DS Datasheet HTML 6Page - Diodes Incorporated DMN60H080DS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN60H080DS
Document number: DS39475 Rev. 3 - 2
1 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMN60H080DS
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Product Summary
BVDSS
RDS(ON)
Package
ID
TA = +25°C
600V
100
Ω @ V
GS = 10V
SOT23
80mA
Description
This new generation uses advanced planar technology MOSFET,
provide excellent high voltage and fast switching, making it ideal for
small-signal and level shift applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Low Input Capacitance
High BVDSS Rating for Power Application
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN60H080DS-7
SOT23
3000/Tape & Reel
DMN60H080DS-13
SOT23
10000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
Code
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
D
G
S
ESD PROTECTED
Top View
K31 = Product Type Marking Code
YM or YM= Date Code Marking
Y or Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
SOT23
D
S
G
G
a
t
e
P
r
o
t
e
c
t
i
o
n
D
i
o
d
e
K31


Similar Part No. - DMN60H080DS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Inchange Semiconductor ...
DMN60H3D5SK3 ISC-DMN60H3D5SK3 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMN60H3D5SK3-13 DIODES-DMN60H3D5SK3-13 Datasheet
548Kb / 7P
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN60H4D5SK3 DIODES-DMN60H4D5SK3 Datasheet
335Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Inchange Semiconductor ...
DMN60H4D5SK3 ISC-DMN60H4D5SK3 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - DMN60H080DS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 6
BSS127 DIODES-BSS127_15 Datasheet
314Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 6
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 4
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 2
DMN2023UCB4 DIODES-DMN2023UCB4_15 Datasheet
608Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 10
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 8
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 11
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Rev 2
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com