Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN62D0LFD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN62D0LFD
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0LFD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN62D0LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN62D0LFD
Document number: DS36359 Rev. 3 - 3
4 of 6
www.diodes.com
September 2017
© Diodes Incorporated
DMN62D0LFD
C
iss
f = 1MHz
C
oss
Crss
100
0
10
20
30
40
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
1
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1.0
1.2
V
= 10V
I =
A
DS
D
250m
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
0.001
0.01
0.1
1
D = 0. 5
D = 0. 7
D = 0. 9
D = 0. 3
D = 0. 1
D = 0. 05
D = 0. 02
D = 0. 01
D = 0. 005
D = Single Pulse
R
(t) = r(t) * R
R
= 256°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA
0.000001
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (C)
Figure 7 Gate Threshold Variation vs. Junction Temperature
J
0.4
0.6
0.8
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
I
= 1mA
D
I = 250µA
D
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
0
0.1
0.2
0.3
0.4
0.5
0
0.3
0.6
0.9
1.2
1.5
T = 25°C
A
NOT RECOMMENDED FOR NEW DESIGN
USE DMN62D1LFD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com