Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN62D0LFD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN62D0LFD
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0LFD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN62D0LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D0LFD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN62D0LFD
Document number: DS36359 Rev. 3 - 3
2 of 6
www.diodes.com
September 2017
© Diodes Incorporated
DMN62D0LFD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 4.0V
TA = +25°C
TA = +70°C
ID
310
260
mA
Pulsed Drain Current (Note 6) (10µs Pulse, Duty Cycle = 1%)
IDM
1.0
A
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 5)
PD
0.48
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
265
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
μA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±5V, VDS = 0V
—
—
±500
nA
VGS = ±10V, VDS = 0V
—
—
±2.0
μA
VGS = ±15V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.6
—
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
1.3
2
Ω
VGS = 4V, ID = 100mA
—
1.4
2.5
VGS = 2.5V, ID = 50mA
—
1.8
3
VGS = 1.8V, ID = 50mA
—
2.4
—
VGS = 1.5V, ID = 10mA
Forward Transfer Admittance
|Yfs|
—
1.8
—
S
VDS = 10V, ID = 200mA
Diode Forward Voltage
VSD
—
0.8
1.3
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
31
—
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
4.3
—
Reverse Transfer Capacitance
Crss
—
3.0
—
Gate Resistance
Rg
—
99
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
0.5
—
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
—
0.09
—
Gate-Drain Charge
Qgd
—
0.07
—
Turn-On Delay Time
tD(ON)
—
2.6
—
ns
VGS = 10V, VDS = 30V,
RL = 150Ω, RG = 25Ω,
ID = 200mA
Turn-On Rise Time
tR
—
2.1
—
ns
Turn-Off Delay Time
tD(OFF)
—
18
—
ns
Turn-Off Fall Time
tF
—
8.7
—
ns
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6. Repetitive rating, pulse width limited by junction temperature.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.
NOT RECOMMENDED FOR NEW DESIGN
USE DMN62D1LFD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com