Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6040SSD
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6040SSD Datasheet HTML 1Page - Diodes Incorporated DMN6040SSD Datasheet HTML 2Page - Diodes Incorporated DMN6040SSD Datasheet HTML 3Page - Diodes Incorporated DMN6040SSD Datasheet HTML 4Page - Diodes Incorporated DMN6040SSD Datasheet HTML 5Page - Diodes Incorporated DMN6040SSD Datasheet HTML 6Page - Diodes Incorporated DMN6040SSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN6040SSD
Document number: DS35673 Rev. 5 - 2
4 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMN6040SSD
- 50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 7 On-Resistance Variation with Temperature
J
0
0.02
0.04
0.06
0.08
0.10
V
= 4.5V
I = 500mA
GS
D
V
=
V
I = 200mA
GS
D
2.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 8 Gate Threshold Variation vs. Ambient Temperature
J
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I = 1mA
D
I = 250µA
D
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig.9 Diode Forward Voltage vs. Current
0
4
8
12
16
20
T = 25°C
A
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 10 Typical Junction Capacitance
Ciss
Coss
Crss
f = 1MHz
0
5
10
15
20
25
Q
(nC)
g, TOTAL GATE CHARGE
Fig. 11 Gate Charge
V
= 30V
I =
A
DS
D
4.3
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
P
= 10s
W
P
= 1s
W
P
= 100µs
W
P
= 100ms
W
P
= 1ms
W
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
0.001
0.01
0.1
1
10
100
0.1
DUT on 1 * MRP Board
1
10
100
DC
P
= 10ms
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com