Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6040SSD
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6040SSD Datasheet HTML 1Page - Diodes Incorporated DMN6040SSD Datasheet HTML 2Page - Diodes Incorporated DMN6040SSD Datasheet HTML 3Page - Diodes Incorporated DMN6040SSD Datasheet HTML 4Page - Diodes Incorporated DMN6040SSD Datasheet HTML 5Page - Diodes Incorporated DMN6040SSD Datasheet HTML 6Page - Diodes Incorporated DMN6040SSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN6040SSD
Document number: DS35673 Rev. 5 - 2
2 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMN6040SSD
Maximum Ratings (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.0
4.1
A
t<10s
TA = +25°C
TA = +70°C
ID
6.6
5.3
A
Maximum Body Diode Forward Current (Note 6)
IS
2.5
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
30
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
30
A
Avalanche Current (Note 7) L = 0.1mH
IAS
14.2
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
10
mJ
Thermal Characteristics (@TA = +25°C unless otherwise specified)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
102
°C/W
t<10s
61
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
75
°C/W
t<10s
50
Thermal Resistance, Junction to Case (Note 6)
RθJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS


100
nA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
30
40
m
Ω
VGS = 10V, ID = 4.5A
35
55
VGS = 4.5V, ID = 3.5A
Forward Transfer Admittance
|YFS|
4.5
S
VDS = 10V, ID = 4.3A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
CISS
1,287
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
57
Reverse Transfer Capacitance
CRSS
44
Gate Resistance
RG

1.2

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
QG
22.4
nC
VDS = 30V, ID = 4.3A
Total Gate Charge (VGS = 4.5V)
QG

10.4

Gate-Source Charge
QGS
4.9
Gate-Drain Charge
QGD
3.0
Turn-On Delay Time
tD(ON)
6.6
ns
VGS = 10V, VDD = 30V, RG = 6Ω,
ID = 4.3A
Turn-On Rise Time
tR
8.1
Turn-Off Delay Time
tD(OFF)
20.1
Turn-Off Fall Time
tF

4.0

Body Diode Reverse Recovery Time
tRR

18

ns
IS = 4.3A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

11.9

nC
IS = 4.3A, di/dt = 100A/µs
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com