Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCK
Description  Slim 16 AmpMiniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCK Datasheet(HTML) 1 Page - Tyco Electronics

  PCK Datasheet HTML 1Page - Tyco Electronics PCK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
478
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Slim outline to save board space.
• 1 Form A contact arrangement.
• Quick connect terminal type.
• Meet 5,000V dielectric voltage between coil and contacts.
• Meet 10,000V surge voltage between coil and contacts.
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) .
Material: AgSnO.
Max. Switching Rate: 300ops./ min. (no load).
20ops./ min. (rated load).
Expected Mechanical Life: 2 million ops (no load).
Expected Electrical Life: 100,000 ops (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Contact Ratings
Ratings: 16A @ 250VAC resistive.
16A @ 24VDC resistive.
Max. Switched Voltage: AC: 277V.
DC: 24V.
Max. Switched Current: 16A.
Max. Switched Power: 4,000VA, 385W.
Initial Dielectric Strength
Between Open Contacts: 1,000VAC, 50/60 Hz. (1 min.).
Between Contacts and Coil: 5,000VAC, 50/60 Hz. (1 min.).
Surge Voltage Between Coil and Contacts: 10,000V (1.2/50
µs).
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDC.
Coil Data
Voltage: 5 to 24VDC.
Duty Cycle: Continuous.
Nominal Power: 500mW.
Max. Coil Power: 130% of nominal at 20
°C.
PCK series
Slim 16 Amp
Miniature Power PC Board Relay
Appliances, HVAC, Office Machines.
UL File No. E82292
CSA File No. LR48471
Coil Data @ 20
°C
Operate Data @ 20
°C
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 5% of nominal voltage or more.
Operate Time: 20ms max.
Release Time: 10ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C.
Vibration, Mechanical: 10 to 55Hz., 1.5mm double amplitude.
Operational: 10 to 55Hz., 1.5mm double amplitude.
Shock, Mechanical: 1000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Mechanical Data
Termination: Printed circuit terminals with quick connect terminals.
Enclosure: Vented (Flux-tight) plastic cover.
Weight: 0.46 oz (13g) approximately.
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
100.0
50.0
3.75
0.25
6
83.3
72.0
4.50
0.30
9
55.6
162.0
6.75
0.45
12
41.7
288.0
9.00
0.60
18
27.8
648.0
13.50
0.90
24
20.9
1,150.0
18.00
1.20
PCK
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - PCK

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PCK RUBYCON-PCK Datasheet
165Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Nichicon corporation
PCK NICHICON-PCK Datasheet
993Kb / 2P
Chip Type, Ultra-low ESR
logo
Tyco Electronics
PCK-105D2M MACOM-PCK-105D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-105D2M000 MACOM-PCK-105D2M000 Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
PCK-106D2M MACOM-PCK-106D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
More results

Similar Description - PCK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V23092 ETC1-V23092 Datasheet
34Kb / 1P
6 Amp Slim Miniature, PC Board Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
16 AMP MINIATURE PC BOARD RELAY
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
Slim 16 Amp Miniature Power PC Board Relay
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
16 Amp PC Board Miniature Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
PCKWK MACOM-PCKWK Datasheet
43Kb / 2P
Latching, Slim 16Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com