Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCK
Description  Slim 16 AmpMiniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCK Datasheet(HTML) 2 Page - Tyco Electronics

  PCK Datasheet HTML 1Page - Tyco Electronics PCK Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
479
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Ordering Information
Outline Dimensions
Reference Data
Coil Temperature Rise
Wiring Diagram (Bottom View)
PC Board Layout (Bottom View)
Typical Part Number
B
PCK
-1
12
D
2
M
,000
1. Basic Series:
PCK = 16A PC board terminals
2. Termination:
1 = 1 pole
3. Coil Voltage:
05 = 5VDC
09 = 9VDC
18 = 18VDC
06 = 06VDC
12 = 12VDC
24 = 24VDC
4. Coil Input:
D = Standard
5. Contact Material:
2 = AgSnO
6. Contact Arrangement:
M = 1 Form A (SPST-NO)
7. Suffix:
,000 = Standard model
Other Suffix = Custom model
Operate Time
2 – .059 DIA
(1.50)
.043
(1.10)
.677
(17.20)
.041
(1.05)
.295
(7.50)
.024
(0.60)
2 – .051 DIA
(1.30)
0.2
0
Coil Power (W)
Coli Power (W)
0.4
0.6
0.8
1.0
1.2
1.4
2
0
4
6
8
10
12
14
Operate Time
0.2
0
0
10
20
30
40
50
60
70
0.4
0.6
0.8
1
1.2
1.4
Release Time
Contact Current (A)
100
1
02
4
6
8
10 12 14 16 18 20 22
100
10
250VAC RESISTIVE,
D TYPE (20 AMP)
250VAC RESISTIVE,
H TYPE (16 AMP)
.020
(.5)
.020
(.5)
.057
(1.45)
1.05
(26.7)
.039
(1.0)
.22
(5.60)
.061 DIA
(1.55)
.039
(1.0)
.039
(1.0)
.039
(1.0)
.020
(.5)
.020 DIA
(.5)
.012
(.3)
.138
(3.5)
.043
(1.10)
.677
(17.20)
.102
(2.60)
.041
(1.05)
.295
(7.50)
.024
(0.60)
.183
(4.65)
.126
(3.20)
.25
(6.35)
.077
(1.95)
.069
(1.75)
.236
(6.0)
Life Expectancy
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com