Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002H Datasheet(PDF) 3 Page - Sames

Part # SA2002H
Description  Single Phase Bidirectional Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002H Datasheet(HTML) 3 Page - Sames

  SA2002H_17 Datasheet HTML 1Page - Sames SA2002H_17 Datasheet HTML 2Page - Sames SA2002H_17 Datasheet HTML 3Page - Sames SA2002H_17 Datasheet HTML 4Page - Sames SA2002H_17 Datasheet HTML 5Page - Sames SA2002H_17 Datasheet HTML 6Page - Sames SA2002H_17 Datasheet HTML 7Page - Sames SA2002H_17 Datasheet HTML 8Page - Sames SA2002H_17 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPEC-3116 (REV. 9)
3/11
29-09-2017
SA2002H
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD - VSS
6
V
Current on any Pin
IPIN
-150
150
mA
Storage Temperature
TSTG
-60
+125
ºC
Specified Operating Temperature Range
TO
-40
+85
ºC
Limit Range of Operating Temperature
Tlimit
-40
+85
ºC
*Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only. Functional operation of the device at these or any other condition above those indicated in the operational sections of
this specification, is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
PIN DESCRIPTION
Designation
8 Pin
16 Pin
20 Pin
Description
AGND
8
16
20
Analog Ground. This is the reference pin for the current and voltage signal
sensing networks. The supply voltage to this pin should be mid-way between VDD
and VSS.
VDD
4
5
8
Positive Supply Voltage. The voltage to this pin should be +2.5V ± 10% with
respect to AGND.
VSS
6
9
14
Negative Supply Voltage. The voltage to this pin should be -2.5V ± 10% with
respect to AGND.
IVP
7
15
19
Analog Input for Voltage. The maximum current into the voltage sense input IVP
should not exceed 16µARMS. At
nominal voltage an input current of 14μARMS is
recommended. The voltage sense input saturates at an input current of ±25µA
peak.
IIP, IIN
2, 1
2, 1
2, 1
Analog Inputs for Current. The maximum current into the current sense inputs
IIP/IIN should be set at 16µARMS. The current sense inputs saturate at an input
current of ±25µA peak.
VREF
3
3
3
This pin provides the connection for the reference current setting resistor. A 24k
resistor connected to VSS sets the optimum operating conditions.
FOUT
5
6
12
Pulse output. Refer to the Pulse Output section for information on the pulse
output.
DIR
7
13
Direction output. This output indicates the direction of energy flow.
FMO
11
15
Mains Voltage Crossover output. The FMO output generates pulses on every
rising edge of the mains voltage.
NC
4, 8,
10, 12-
14
4-7,
9-11,
16-18
No connection, leave unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com