Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2002H Datasheet(PDF) 5 Page - Sames

Part # SA2002H
Description  Single Phase Bidirectional Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002H Datasheet(HTML) 5 Page - Sames

  SA2002H_17 Datasheet HTML 1Page - Sames SA2002H_17 Datasheet HTML 2Page - Sames SA2002H_17 Datasheet HTML 3Page - Sames SA2002H_17 Datasheet HTML 4Page - Sames SA2002H_17 Datasheet HTML 5Page - Sames SA2002H_17 Datasheet HTML 6Page - Sames SA2002H_17 Datasheet HTML 7Page - Sames SA2002H_17 Datasheet HTML 8Page - Sames SA2002H_17 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SPEC-3116 (REV. 9)
5/11
29-09-2017
SA2002H
FUNCTIONAL DESCRIPTION
The SA2002H is a CMOS mixed signal analog/digital
integrated circuit, which performs power/energy calculations
across a power range of 500:1, to an overall accuracy of
better than Class 1.
The integrated circuit includes all the required functions for
single phase power and energy measurement such as two
oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration.
Internal offsets are eliminated through the use of cancellation
procedures. The SA2002H generates pulses, the frequency
of which is proportional to the measured power consumption.
One frequency output (FOUT) is available. The pulse rate
follows the instantaneous power consumption measured.
POWER CALCULATION
In the application circuit (see Figure 5), the voltage drop
across the shunt (RSH) will be between 0 and 16mVRMS (0 to
80A through a shunt
resistor of 200μ
). This voltage is
converted to a current of between 0 and 16
μARMS, by means
of resistors R1 and R2. The current sense inputs saturate at
an input current of ±25μA peak.
Figure 5: Application Circuit
For the voltage sensor input, the mains voltage (220VAC) is
divided down through a divider (R3, R4 and P1) to 14V. The
current into the A/D converter input is set at 14μARMS at
nominal mains voltage, via resistor R5 (1M
). P1 may be
varied for calibration purposes.
In this configuration, with a mains voltage of 220V and a
current of 80A, the output frequency measured on the FOUT
pin is 1160Hz. In this case, one pulse on FOUT will
correspond to an energy consumption of 17.6kW/1160Hz =
15.17Ws.
ANALOG INPUT CONFIGURATION
The input circuitry of the current and voltage sensor inputs is
illustrated in Figure 6. These inputs are protected against
electrostatic
discharge
through
clamping
diodes.
The
feedback loops from the outputs of the amplifiers AI and AV
generate
virtual
shorts
on
the
signal
inputs.
Exact
duplications of the input currents are generated for the analog
signal processing circuitry.
Figure 6: Internal analog input configuration
Power
Supply
N
GND
VSS
RSH
R1
R2
R3
R5
R4
U1
P1
R6
SA2002H
VDD
L
VDD
VSS
GND
GND
L
N
VDD
FOUT
DIR
FMO
VSS
IIN
IIP
IVP
AGND
VREF
Fwd/Rev. Energy
Pulse Output
Zero Crossing
A
I
IIN
IIP
VDD
VSS
VDD
VSS
A
V
IVP
VDD
VSS
AGND
VOLTAGE
SENSOR
INPUT
CURRENT
SENSOR
INPUT
CURRENT
CHANNEL
ADC
VOLTAGE
CHANNEL
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com