Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S Datasheet(PDF) 1 Page - Mini-Circuits

Part # GP2S
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GP2S Datasheet(HTML) 1 Page - Mini-Circuits

  GP2S Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
1. Total Loss = Insertion Loss + 3dB splitter loss.
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS*
(dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
VSWR
(:1)
Typ.
f
L-fU
Typ. Min.
Typ.
Max.
Max.
Max.
Port
S
Ports
1,2
800-2100
24
17
0.8
1.4
4.0
0.2
1.2
1.2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
1.5W max.
Internal Dissipation
0.75W max.
electrical schematic
2 Way-0°
50Ω
800 to 2100 MHz
Power Splitter/Combiner
Rev. C
M151107
GP2S+
ED-13012A/1
RS/CP/AM
150723
MMIC Surface Mount
Features
• wide bandwidth, 800 to 2100 MHz
• excellent isolation, 24 dB typ.
• excellent amplitude unbalance, 0.02 dB typ.
• good phase unbalance, 0.8 deg. typ.
• small size, 0.118”x0.118”x0.035”
• high ESD level
• aqueous washable
Applications
• cellular
• GPS
• DCS
• WCDMA • GSM
• Korea PCS
GP2S+
GP2S+
TOTAL LOSS
3.5
3.7
3.9
4.1
4.3
4.5
800
1000 1200 1400 1600 1800 2000 2200
FREQUENCY (MHz)
S-1
S-2
GP2S+
ISOLATION
10
20
30
40
50
800
1000
1200
1400
1600
1800
2000
2200
FREQUENCY (MHz)
GP2S+
VSWR
1.0
1.2
1.4
1.6
1.8
800
1000 1200 1400 1600 1800 2000 2200
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
ESD Rating
Human Body Model (HBM): Class 1A (250 to < 500V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M2 (100V to < 250V) in accordance with ANSI/ESD STM 5.2 - 1999
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
FG
H
J
.118
.118
.035
.008
.057
.057
.009
---
.016
3.00 3.00 0.89 0.20 1.45 1.45 0.23
---
0.41
K
L
M
N
P
Q
R
wt
.020
.127
.127
.049
.010
.020
.049
grams
0.51 3.23 3.23 1.24 0.25 0.51 1.24
0.02
Demo Board MCL P/N: TB-453-GP2S+
Suggested PCB Layout (PL-282)
Product Marking
M C L
G P 2 S
X X X X
Pad Connections
SUM PORT
2
PORT 1
7
PORT 2
9
GROUND
1,3,4,5,6,8,10,11,12, paddle
* De-embedded from demo board loss.
790.00
3.61
3.61
0.00
22.30
0.49
1.21
1.17
1.16
880.00
3.60
3.60
0.00
29.08
0.52
1.12
1.14
1.12
980.00
3.61
3.62
0.01
33.32
0.57
1.07
1.11
1.09
1070.00
3.64
3.65
0.01
26.49
0.66
1.10
1.09
1.07
1170.00
3.69
3.72
0.02
22.70
0.72
1.16
1.06
1.04
1260.00
3.74
3.77
0.04
21.01
0.78
1.22
1.04
1.02
1360.00
3.79
3.83
0.04
20.20
0.83
1.27
1.05
1.03
1450.00
3.84
3.88
0.04
20.24
0.87
1.30
1.07
1.05
1550.00
3.88
3.92
0.04
21.14
0.91
1.32
1.10
1.08
1640.00
3.91
3.94
0.03
22.91
0.97
1.30
1.14
1.11
1740.00
3.93
3.96
0.03
26.76
1.05
1.27
1.17
1.14
1830.00
3.95
3.97
0.02
34.69
1.16
1.22
1.20
1.17
1930.00
3.96
3.98
0.02
32.63
1.28
1.15
1.22
1.19
2020.00
3.98
3.99
0.01
24.55
1.41
1.08
1.24
1.21
2120.00
4.00
4.01
0.01
19.78
1.57
1.04
1.24
1.22
Permanent damage may occur if any of these limits are
exceeded.
CASE STYLE: DQ1225
Available Tape
and Reel
at no extra cos
t
Reel Size Devices/Reel
7”
20, 50, 100, 200, 500, 1000, 2000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - GP2S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S01F SHARP-GP2S01F Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S04 SHARP-GP2S04 Datasheet
175Kb / 5P
SUBMINIATURE PHOTOINTERRUPTER
GP2S05 SHARP-GP2S05 Datasheet
145Kb / 4P
SUBMINIATURE PHOTO INTERRUPTER WITH LENS
More results

Similar Description - GP2S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com