Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031G Datasheet(PDF) 2 Page - International Rectifier

Part # IPS031G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031G Datasheet(HTML) 2 Page - International Rectifier

  IPS031G Datasheet HTML 1Page - International Rectifier IPS031G Datasheet HTML 2Page - International Rectifier IPS031G Datasheet HTML 3Page - International Rectifier IPS031G Datasheet HTML 4Page - International Rectifier IPS031G Datasheet HTML 5Page - International Rectifier IPS031G Datasheet HTML 6Page - International Rectifier IPS031G Datasheet HTML 7Page - International Rectifier IPS031G Datasheet HTML 8Page - International Rectifier IPS031G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IPS031G/IPS032G
2
www.irf.com
(1) Limited by junction temperature (pulsed current limited also by internal wiring)
31
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are ref-
erenced to SOURCE lead. (TAmbient = 25
oC unless otherwise specified). PCB mounting uses the standard footprint with 70
µm
copper thickness. All Sources leads of each mosfet must be connected together to get full current capability
Symbol Parameter
Min.
Max.
Units
Test Conditions
Vds
Maximum drain to source voltage
—
47
Vin
Maximum input voltage
-0.3
7
Iin, max
Maximum IN current
-10
+10
mA
Isd cont.
Diode max. continuous current (1)
(rth=125oC/W) IPS031G
—
1.4
(for all sd mosfets, rth=85oC/W) IPS032G
—
2
Isd pulsed Diode max. pulsed current (1) (for ea. mosfet)
—15
Pd
Maximum power dissipation
(1)
(rth=125oC/W) IPS031G
—
1
W
(for all Pd mosfets, rth=85oC/W) IPS032G
—
1.5
ESD1
Electrostatic discharge voltage (Human Body)
—
4
C=100pF, R=1500
Ω,
ESD2
Electrostatic discharge voltage (Machine Model)
—
0.5
C=200pF, R=0
Ω, L=10µH
T stor.
Max. storage temperature
-55
150
Tj max.
Max. junction temperature
-40
150
V
A
kV
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rth1
Thermal resistance with standard footprint
—
100
—
Rth2
Thermal resistance with 1" square footprint
—
65
—
Rth1
Thermal resistance with standard footprint
(2 mos on)
(2 mosfets on)
—
85
—
Rth2
Thermal resistance with standard footprint
(1 mos on)
(1 mosfet on)
—
100
—
Rth3
Thermal resistance with 1" square footprint
(2 mos on)
(2 mosfets on)
—
60
—
Thermal Chacteristics
SOIC-8
SOIC-16
oC/W
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com