Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS031G Datasheet(PDF) 8 Page - International Rectifier

Part # IPS031G
Description  SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031G Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS031G Datasheet HTML 3Page - International Rectifier IPS031G Datasheet HTML 4Page - International Rectifier IPS031G Datasheet HTML 5Page - International Rectifier IPS031G Datasheet HTML 6Page - International Rectifier IPS031G Datasheet HTML 7Page - International Rectifier IPS031G Datasheet HTML 8Page - International Rectifier IPS031G Datasheet HTML 9Page - International Rectifier IPS031G Datasheet HTML 10Page - International Rectifier IPS031G Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IPS031G/IPS032G
8
www.irf.com
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
IPS031G/IPS032G
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
1
10
100
T = 25°C
T = 100 °C
Figure 13a - Max.Cont. Ids (A)
Vs Amb. Temperature (oC) - IPS031G
Figure 13b - Max.Cont. Ids (A)
Vs Amb. Temperature (oC) - IPS032G
0
2
4
6
8
10
-50
0
50
100
150
200
rth = 50°C/W
SO8 Std. footprint 100°C/W
0
2
4
6
8
10
-50
0
50
100
150
200
SO16 Std. footprint 1 m osfet on
SO8 Std. footprint 2 m osfets on
0.1
1
10
100
0.01
0.1
1
10
100
single pulse
100 Hz rth=100°C/W dT=25°C
1kHz
rth=100°C/W dT=25°C
Vbat = 14 V
Tjini = T sd



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com