Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008LP-R56F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI1008LP-R56F
Description  Wire Wound Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-R56F Datasheet(HTML) 3 Page - Superworld Electronics

  SCI1008LP-R56F Datasheet HTML 1Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 2Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 3Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wire Wound Inductor – SCI1008LP Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P3
6. Electrical Characteristics
Tolerance: G = ± 2%
J = ± 5%
K = ± 10%
Part No
Inductance
(nH)
Tolerance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR (Ω)
Max.
IDC
(mA) Max.
SCI1008LP-3N3□F
3.30
K,J
42
50
6000
0.030
1000
SCI1008LP-4N2□F
4.20
K,J
42
50
6000
0.150
1000
SCI1008LP-6N8□F
6.80
K,J
50
50
5400
0.170
1000
SCI1008LP-8N2□F
8.20
K,J
50
50
5000
0.220
1000
SCI1008LP-15N□F
15.0
K,J
57
50
3000
0.220
1000
SCI1008LP-18N□F
18.0
K,J
50
50
2400
0.120
1000
SCI1008LP-20N□F
20.0
K,J
72
50
2400
0.330
1000
SCI1008LP-27N□F
27.0
K,J
50
50
1600
0.130
850
SCI1008LP-30N□F
30.0
K,J
69
50
2400
0.380
600
SCI1008LP-40N□F
40.0
K,J
67
50
2000
0.430
600
SCI1008LP-50N□F
50.0
K,J,G
72
50
1900
0.480
600
SCI1008LP-60N□F
60.0
K,J,G
75
50
1800
0.520
600
SCI1008LP-70N□F
70.0
K,J,G
68
50
1700
0.550
510
SCI1008LP-80N□F
80.0
K,J,G
75
50
1400
0.560
510
SCI1008LP-R18□F
180
K,J,G
50
50
900
0.400
450
SCI1008LP-R56□F
560
K,J,G
40
25
415
1.330
400



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com