Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCI1008LP-R56F Datasheet(PDF) 1 Page - Superworld Electronics

Part # SCI1008LP-R56F
Description  Wire Wound Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI1008LP-R56F Datasheet(HTML) 1 Page - Superworld Electronics

  SCI1008LP-R56F Datasheet HTML 1Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 2Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 3Page - Superworld Electronics SCI1008LP-R56F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wire Wound Inductor – SCI1008LP Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P1
1. Part No. Expression:
S C I 1 0 0 8 L P - 3 N 3 K F
a) Series Code
d) Inductance Code
(a)
(b) (c)
(d) (e)(f)
b) Dimension Code
e) Tolerance Code
c) Type Code: LP (Low Profile) f) F: RoHS Compliant
2. Configuration & Dimensions :
Unit: mm
3. Schematic
A
B
C
D
E
F
G
H
I
J
2.92 Max. 2.79 Max. 1.40 Max. 0.65 Ref. 2.03 Ref. 0.51 Ref. 1.52 Ref. 2.54 Ref. 1.02 Ref. 1.27 Ref.


Similar Part No. - SCI1008LP-R56F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI1008LP-R56F SUPERWORLD-SCI1008LP-R56F Datasheet
255Kb / 6P
WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI1008LP-R56F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
Wire Wound Chip Inductor
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
Wire Wound Chip Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
HWI322522 SUPERWORLD-HWI322522_15 Datasheet
256Kb / 4P
Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
Wire Wound Inductor
WI322522 SUPERWORLD-WI322522_15 Datasheet
260Kb / 5P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
WIRE-WOUND CHIP INDUCTOR
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com