Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR3518 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR3518
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3518 Datasheet(HTML) 2 Page - International Rectifier

  IRFR3518 Datasheet HTML 1Page - International Rectifier IRFR3518 Datasheet HTML 2Page - International Rectifier IRFR3518 Datasheet HTML 3Page - International Rectifier IRFR3518 Datasheet HTML 4Page - International Rectifier IRFR3518 Datasheet HTML 5Page - International Rectifier IRFR3518 Datasheet HTML 6Page - International Rectifier IRFR3518 Datasheet HTML 7Page - International Rectifier IRFR3518 Datasheet HTML 8Page - International Rectifier IRFR3518 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
IRFR3518/IRFU3518
Dynamic @ TJ = 25°C (unless otherwise specified)
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
80
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.09
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
24
29
m
Ω
VGS = 10V, ID = 18A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 80V, VGS = 0V
–––
–––
250
VDS = 64V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
IGSS
IDSS
Drain-to-Source Leakage Current
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
34
–––
–––
S
VDS = 25V, ID = 18A
Qg
Total Gate Charge
–––
37
56
ID = 18A
Qgs
Gate-to-Source Charge
–––
11
–––
nC
VDS = 40V
Qgd
Gate-to-Drain ("Miller") Charge
–––
12
–––
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 40V
tr
Rise Time
–––
25
–––
ID = 18A
td(off)
Turn-Off Delay Time
–––
37
–––
RG = 9.1
Ω
tf
Fall Time
–––
13
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
1710 –––
VGS = 0V
Coss
Output Capacitance
–––
270
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
33
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
1780 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
170
–––
VGS = 0V, VDS = 64V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
330
–––
VGS = 0V, VDS = 0V to 64V
…
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
160
mJ
IAR
Avalanche Current

–––
18
A
EAR
Repetitive Avalanche Energy

–––
11
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 18A, VGS = 0V
„
trr
Reverse Recovery Time
–––
77
–––
ns
TJ = 25°C, IF = 18A
Qrr
Reverse RecoveryCharge
–––
210
–––
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
38
150
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com