Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR3518 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR3518
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR3518 Datasheet(HTML) 1 Page - International Rectifier

  IRFR3518 Datasheet HTML 1Page - International Rectifier IRFR3518 Datasheet HTML 2Page - International Rectifier IRFR3518 Datasheet HTML 3Page - International Rectifier IRFR3518 Datasheet HTML 4Page - International Rectifier IRFR3518 Datasheet HTML 5Page - International Rectifier IRFR3518 Datasheet HTML 6Page - International Rectifier IRFR3518 Datasheet HTML 7Page - International Rectifier IRFR3518 Datasheet HTML 8Page - International Rectifier IRFR3518 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
09/23/02
IRFR3518
IRFU3518
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
80V
29m
W
30A
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
80
V
VGS
Gate-to-Source Voltage
± 20
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
38
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
27
A
IDM
Pulsed Drain Current

150
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.2
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 10
PD - 94523
Applications
l High frequency DC-DC converters
Benefits
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
D-Pak
IRFR3518
I-Pak
IRFU3518
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient (PCB mount)
†
–––
40
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance


Similar Part No. - IRFR3518

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
High frequency DC-DC converters
logo
Inchange Semiconductor ...
IRFR3518 ISC-IRFR3518 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFR3518PBF IRF-IRFR3518PBF Datasheet
225Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFR3518PbF KERSEMI-IRFR3518PbF Datasheet
3Mb / 10P
High frequency DC-DC converters
IRFR3518PBF KERSEMI-IRFR3518PBF Datasheet
3Mb / 10P
High frequency DC-DC converters
More results

Similar Description - IRFR3518

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com