Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM2.PM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWCSSRM2.PM
Description  Industrial lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWCSSRM2.PM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWCSSRM2.PM Datasheet HTML 1Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 2Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 3Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 4Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 5Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 6Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 7Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 8Page - OSRAM GmbH GWCSSRM2.PM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-10-26
1
2017-10-26
OSLON Square
Datasheet
Version 1.5
GW CSSRM2.PM
Third generation of OSLON Square with improved
radiation pattern and enhanced performance. Most
compact high-power LED with well known superior
robustness, high reliability, long lifetime and low
thermal resistance.
Die dritte Generation OSLON Square mit verbesserter
Abstrahlcharakteristik und nochmals verbesserter
Leistung. Die kompakte High-Power LEDs bietet
erprobte Zuverlässigkeit und lange Lebensdauer bei
niedrigstem Wärmewiderstand.
Features:
Besondere Merkmale:
•
Package: SMT ceramic package with silicone resin
and silicone lens
•
Gehäusetyp: SMT-Keramikgehäuse mit
Silikonverguss und -linse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 3000 K - 6500 K (white)
•
Farbe: 3000 K - 6500 K (weiß)
•
CRI: min. 70 ( typ. 72 )
•
CRI: min. 70 ( typ. 72 )
•
Luminous Flux: typ. 314 lm @ 5000 K, 85 °C
•
Lichtstrom: typ. 314 lm @ 5000 K, 85 °C
•
Luminous efficacy: typ. 160 lm/W @ 5000 K,
85 °C
•
Lichtausbeute: typ. 160 lm/W @ 5000 K, 85 °C
•
Corrosion Robustness: Superior Corrosion
Robustness
•
Korrosionsstabilität: Höchste
Korrosionsbeständigkeit
•
Lumen Maintenance: Test results according to
IESNA LM-80 available
•
Lichtstromerhaltung: Testergebnisse nach
IESNA LM-80 verfügbar
Applications
Anwendungen
•
Industrial lighting
•
Industriebeleuchtung
•
Outdoor lighting
•
Außenbeleuchtung
•
Street and tunnel lighting
•
Straßen und Tunnel


Similar Part No. - GWCSSRM2.PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWCSSRM2.CM OSRAM-GWCSSRM2.CM Datasheet
7Mb / 25P
SMT ceramic package with silicone resin and silicone lens
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-A737-1 OSRAM-GWCSSRM2.EM-M6M8-A737-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-A737-1 OSRAM-GWCSSRM2.EM-M6M8-A737-1 Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM-M6M8-A838-1 OSRAM-GWCSSRM2.EM-M6M8-A838-1 Datasheet
1Mb / 25P
OSLON Square
More results

Similar Description - GWCSSRM2.PM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3444 NSC-LM3444 Datasheet
3Mb / 14P
120VAC, 8W Isolated Flyback LED Driver Industrial and Commercial Lighting
LM3444-230VAC NSC-LM3444-230VAC Datasheet
2Mb / 18P
8W Isolated Flyback LED Driver Industrial and Commercial Lighting
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
logo
OSRAM GmbH
GWCSSRM1.PC OSRAM-GWCSSRM1.PC Datasheet
1Mb / 26P
Industrial lighting
LUWCQAR OSRAM-LUWCQAR Datasheet
1Mb / 24P
Industrial lighting
LUWCQAR OSRAM-LUWCQAR_18 Datasheet
2Mb / 24P
Industrial lighting
LUWCR7P OSRAM-LUWCR7P Datasheet
3Mb / 24P
Industrial lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com