Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFHB3.CM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWKAFHB3.CM
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAFHB3.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWKAFHB3.CM Datasheet HTML 1Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 2Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 3Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 4Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 5Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 6Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 7Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 8Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2017-09-15
1
2017-09-15
SOLERIQ
® S 9
Datasheet
Version 1.2
GW KAFHB3.CM
The SOLERIQ
® S products were specifically designed
for applications requiring large flux packages out of a
compact area.
Die SOLERIQ
® S Produkte wurden speziell für
Anwendungen entwickelt, die großen Lichtstrom aus
einer kompakten Fläche benötigen.
Features:
Besondere Merkmale:
•
Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 2700 K - 4000 K (white)
•
Farbe: 2700 K - 4000 K (weiß)
•
CRI: min. 90
•
CRI: min. 90
•
Luminous Flux: typ. 1035 lm @ 3000 K, 85 °C
•
Lichtstrom: typ. 1035 lm @ 3000 K, 85 °C
•
Luminous efficacy: typ. 99 lm/W @ 3000 K, 85 °C
•
Lichtausbeute: typ. 99 lm/W @ 3000 K, 85 °C
Applications
Anwendungen
•
Downlights
•
Downlights
•
Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
•
Museum lighting
•
Museumsbeleuchtung
•
Shop lighting
•
Ladenbeleuchtung


Similar Part No. - GWKAFHB3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFHB3.EM OSRAM-GWKAFHB3.EM Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM-RRRS-27S3 OSRAM-GWKAFHB3.EM-RRRS-27S3 Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM-RRRS-30S3 OSRAM-GWKAFHB3.EM-RRRS-30S3 Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM-RRRS-35S3 OSRAM-GWKAFHB3.EM-RRRS-35S3 Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM-RSRT-40S3 OSRAM-GWKAFHB3.EM-RSRT-40S3 Datasheet
1Mb / 17P
Downlights
More results

Similar Description - GWKAFHB3.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGGB3.EM OSRAM-GWKAGGB3.EM Datasheet
1Mb / 18P
Downlights
GWKAGHB3.CM OSRAM-GWKAGHB3.CM Datasheet
784Kb / 17P
Downlights
GWKAFGB3.EM OSRAM-GWKAFGB3.EM Datasheet
939Kb / 17P
Downlights
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFGB3.DM OSRAM-GWKAFGB3.DM Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM OSRAM-GWKAFHB3.EM Datasheet
1Mb / 17P
Downlights
GWKAFHB5.BM OSRAM-GWKAFHB5.BM Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM OSRAM-GWKAFJB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFJB3.DM OSRAM-GWKAFJB3.DM Datasheet
1Mb / 17P
Downlights
GWKAGMB5.BM OSRAM-GWKAGMB5.BM Datasheet
1Mb / 17P
Downlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com