Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFHB3.CM Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GWKAFHB3.CM
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAFHB3.CM Datasheet(HTML) 2 Page - OSRAM GmbH

  GWKAFHB3.CM Datasheet HTML 1Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 2Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 3Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 4Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 5Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 6Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 7Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 8Page - OSRAM GmbH GWKAFHB3.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2017-09-15
2
Version 1.2
GW KAFHB3.CM
Ordering Information
Bestellinformation
Type:
Color
Temperature
Luminous Flux
1) page 17
Ordering Code
Typ:
Farbtemperatur
Lichtstrom
1) Seite 17
Bestellnummer
IF = 300 mA, TJ =
85 °C
[K]
ΦV [lm]
GW KAFHB3.CM-QTQU-27S3
2700
970 ... 1120
Q65111A9582
GW KAFHB3.CM-QTQU-30S3
3000
970 ... 1120
Q65111A9581
GW KAFHB3.CM-QURP-35S3
3500
1042 ... 1210
Q65111A9580
GW KAFHB3.CM-RPRQ-40S3
4000
1120 ... 1300
Q65112A3101
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will
be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW KAFHB3.CM-QTQU-30S3
means that only one group QT, QU will be shippable for any packing unit.
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen
(siehe Seite 5). Es wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. GW KAFHB3.CM-QTQU-30S3
bedeutet, dass in einer Verpackungseinheit nur eine der Helligkeitsgruppen QT, QU enhalten ist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com