Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFJB3.DM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GWKAFJB3.DM
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAFJB3.DM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GWKAFJB3.DM Datasheet HTML 4Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 5Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 6Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 7Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 8Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 9Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 10Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 11Page - OSRAM GmbH GWKAFJB3.DM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2016-05-06
8
Version 1.0
GW KAFJB3.DM
Relative Spectral Emission - V(λ) = Standard eye response curve 5) page 17
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 17
Φrel = f (λ); TS = 85 °C; IF = 400 mA
Radiation Characteristics 5) page 17
Abstrahlcharakteristik 5) Seite 17
Irel = f (ϕ); TS = 85 °C
GW KAFJB3.DM
350
400
450
500
550
600
650
700
750
800
λ
[nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
GW KAFJB3.DM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0 Irel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com