Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7701ARS Datasheet(PDF) 4 Page - Analog Devices

Part # AD7701ARS
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701ARS Datasheet(HTML) 4 Page - Analog Devices

  AD7701ARS Datasheet HTML 1Page - Analog Devices AD7701ARS Datasheet HTML 2Page - Analog Devices AD7701ARS Datasheet HTML 3Page - Analog Devices AD7701ARS Datasheet HTML 4Page - Analog Devices AD7701ARS Datasheet HTML 5Page - Analog Devices AD7701ARS Datasheet HTML 6Page - Analog Devices AD7701ARS Datasheet HTML 7Page - Analog Devices AD7701ARS Datasheet HTML 8Page - Analog Devices AD7701ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
REV. E
AD7701
–3–
Parameter
A, S Version
2
B, T Version
2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
8
Power Supply Voltages
Analog Positive Supply (AVDD)
4.5/5.5
4.5/5.5
V min/V max
Digital Positive Supply (DVDD)
4.5/AVDD
4.5/AVDD
V min/V max
Analog Negative Supply (AVSS)
–4.5/–5.5
–4.5/–5.5
V min/V max
Digital Negative Supply (DVSS)
–4.5/–5.5
–4.5/–5.5
V min/V max
Calibration Memory Retention
Power Supply Voltage
2.0
2.0
V min
DC Power Supply Currents
8
Analog Positive Supply (AIDD)
2.7
2.7
mA max
Typically 2 mA
Digital Positive Supply (DIDD)2
2
mA max
Typically 1 mA
Analog Negative Supply (AISS)
2.7
2.7
mA max
Typically 2 mA
Digital Negative Supply (DISS)
0.1
0.1
mA max
Typically 0.03 mA
Power Supply Rejection
9
Positive Supplies
70
70
dB typ
Negative Supplies
75
75
dB typ
Power Dissipation
Normal Operation
37
37
mW max
SLEEP = Logic 1,
Typically 25 mW
Standby Operation
10
20 (40 S Version)
20 (40 T Version)
µW max
SLEEP = Logic 0,
Typically 10
µW
NOTES
1The A
IN pin presents a very high impedance dynamic load that varies with clock frequency.
2Temperature ranges are as follows: A, B Versions: –40
°C to +85°C; S, T Versions: –55°C to +125°C.
3Apply after calibration at the temperature of interest. Full-scale error applies for both unipolar and bipolar input ranges.
4Total drift over the specified temperature range since calibration at power-up at 25
°C. This is guaranteed by design and/or characterization. Recalibration at
any temperature will remove these errors.
5In Unipolar mode, the offset can have a negative value (–V
REF) such that the Unipolar mode can mimic Bipolar mode operation.
6The specifications for input overrange and for input span apply additional constraints on the offset calibration range.
7For Unipolar mode, input span is the difference between full scale and zero scale. For Bipolar mode, input span is the difference between positive and
negative full-scale points. When using less than the maximum input span, the span range may be placed anywhere within the range of
±(V
REF +0.1).
8All digital outputs unloaded. All digital inputs at 5 V CMOS levels.
9Applies in 0.1 Hz to 10 Hz bandwidth. PSRR at 60 Hz will exceed 120 dB due to the digital filter.
10CLKIN is stopped. All digital inputs are grounded.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com