Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7701ARS Datasheet(PDF) 1 Page - Analog Devices

Part # AD7701ARS
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701ARS Datasheet(HTML) 1 Page - Analog Devices

  AD7701ARS Datasheet HTML 1Page - Analog Devices AD7701ARS Datasheet HTML 2Page - Analog Devices AD7701ARS Datasheet HTML 3Page - Analog Devices AD7701ARS Datasheet HTML 4Page - Analog Devices AD7701ARS Datasheet HTML 5Page - Analog Devices AD7701ARS Datasheet HTML 6Page - Analog Devices AD7701ARS Datasheet HTML 7Page - Analog Devices AD7701ARS Datasheet HTML 8Page - Analog Devices AD7701ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD7701
LC2MOS
16-Bit A/D Converter
FEATURES
Monolithic 16-Bit ADC
0.0015% Linearity Error
On-Chip Self-Calibration Circuitry
Programmable Low-Pass Filter
0.1 Hz to 10 Hz Corner Frequency
0 V to +2.5 V or
2.5 V Analog Input Range
4 kSPS Output Data Rate
Flexible Serial Interface
Ultralow Power
APPLICATIONS
Industrial Process Control
Weigh Scales
Portable Instrumentation
Remote Data Acquisition
FUNCTIONAL BLOCK DIAGRAM
14
15
7
64
17
AVDD
DVDD AVSS DVSS
SC1
SC2
13
CALIBRATION
SRAM
16-BIT A/D CONVERTER
ANALOG
MODULATOR
CAL
SLEEP
11
20
19
CLOCK
GENERATOR
SERIAL INTERFACE
LOGIC
SDATA
SCLK
3
2
1
18
CLKIN
CLKOUT
MODE
DRDY
6-POLE GAUSSIAN
LOW-PASS
DIGITAL FILTER
AD7701
5
DGND
AGND
AIN
VREF
8
9
10
BP/
UP
12
16
CS
CALIBRATION
MICROCONTROLLER
GENERAL DESCRIPTION
The AD7701 is a 16-bit ADC that uses a sigma-delta conversion
technique. The analog input is continuously sampled by an analog
modulator whose mean output duty cycle is proportional to the
input signal. The modulator output is processed by an on-chip
digital filter with a six-pole Gaussian response, which updates
the output data register with 16-bit binary words at word rates up
to 4 kHz. The sampling rate, filter corner frequency, and output
word rate are set by a master clock input that may be supplied
externally, or by a crystal controlled on-chip clock oscillator.
The inherent linearity of the ADC is excellent and endpoint
accuracy is ensured by self-calibration of zero and full scale,
which may be initiated at any time. The self-calibration scheme
can also be extended to null system offset and gain errors in the
input channel.
The output data is accessed through a flexible serial port, which
has an asynchronous mode compatible with UARTs and two
synchronous modes suitable for interfacing to shift registers or
the serial ports of industry-standard microcontrollers.
CMOS construction ensures low power dissipation, and a power-
down mode reduces the idle power consumption to only 10
µW.
PRODUCT HIGHLIGHTS
1. The AD7701 offers 16-bit resolution coupled with outstand-
ing 0.0015% accuracy.
2. No missing codes ensures true, usable, 16-bit dynamic range,
removing the need for programmable gain and level-setting
circuitry.
3. The effects of temperature drift are eliminated by on-chip
self-calibration, which removes zero and gain error. External
circuits can also be included in the calibration loop to remove
system offsets and gain errors.
4. A flexible synchronous/asynchronous interface allows the
AD7701 to interface directly to UARTs or to the serial ports
of industry-standard microcontrollers.
5. Low operating power consumption and an ultralow power
standby mode make the AD7701 ideal for loop-powered
remote sensing applications, or battery-powered portable
instruments.


Similar Part No. - AD7701ARS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701ARS AD-AD7701ARS Datasheet
312Kb / 16P
LC2MOS 16-Bit A/D Converter
REV.D
More results

Similar Description - AD7701ARS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
LC2MOS LOGDAC Logarithmic D/A Converter
REV.0
AD7226 AD-AD7226 Datasheet
247Kb / 12P
LC2MOS Quad 8-Bit D/A Converter
AD7701 AD-AD7701 Datasheet
312Kb / 16P
LC2MOS 16-Bit A/D Converter
REV.D
AD7703 AD-AD7703 Datasheet
251Kb / 16P
LC2MOS 20-Bit A/D Converter
REV.D
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
16-Bit A/D Converter
Rev. E
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
LC2MOS Quad 8-Bit D/A Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com