Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53509JSWZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD53509JSWZ
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSWZ Datasheet(HTML) 5 Page - Analog Devices

  AD53509JSWZ Datasheet HTML 1Page - Analog Devices AD53509JSWZ Datasheet HTML 2Page - Analog Devices AD53509JSWZ Datasheet HTML 3Page - Analog Devices AD53509JSWZ Datasheet HTML 4Page - Analog Devices AD53509JSWZ Datasheet HTML 5Page - Analog Devices AD53509JSWZ Datasheet HTML 6Page - Analog Devices AD53509JSWZ Datasheet HTML 7Page - Analog Devices AD53509JSWZ Datasheet HTML 8Page - Analog Devices AD53509JSWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD53509
Rev. B | Page 5 of 12
COMPARATOR SPECIFICATIONS
All specifications are at TJ = 85°C ± 5°C. Outputs terminated in 150 Ω to GND, VCC = 11 V ± 3%, VEE = 6 V ± 3%, VCCO = 3.3 V,
unless otherwise specified. All temperatures coefficients are measured at TJ = 75°C to 95°C.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
DC INPUT CHARACTERISTICS
Offset Voltage, VOS
−25
+25
mV
CMV = 0 V
Offset Voltage, Drift
50
μV/°C
CMV = 0 V
HCOMP, LCOMP Bias Current
−50
+50
μA
VIN = 0 V
Voltage Range, VCM
−2
+7.0
V
Differential Voltage, VDIFF
9.0
V
Gain and Linearity
−0.05
+0.05
% FSR
VIN = −2 V to +7 V (9 V FSR)
LATCH ENABLE INPUTS
Logic 1 Current, IIH
250
μA
LEA, LEA, LEB, LEB = 3 V
Logic 0 Current, IIL
−250
μA
LEA, LEA, LEB, LEB = −2 V
Logic Input Range
−2
+3
V
DIGITAL OUTPUTS
Logic 1 Voltage, VOH
VCCO − 0.98
V
Qx or Qx, 16.7 mA load
Logic 0 Voltage, VOL
VCCO − 1.5
V
Qx or Qx, 10 mA load
Slew Rate
1
V/ns
VCCO Range
0
8
V
SWITCHING PERFORMANCE
Propagation Delay
Input to Output
1.8
ns
VIN = 2 V p-p
Latch Enable to Output
2
ns
HCOMP = 1 V, LCOMP = 1 V
Propagation Delay Temperature Coefficient
2
ps/°C
Propagation Delay Change with Respect to
Slew Rate: 0.5 V/ns, 1.0 V/ns, 3.0 V/ns
<±100
ps
VIN = 0 V to 5 V
Slew Rate: 5.0 V/ns
<±350
ps
VIN = 0 V to 5 V
Amplitude: 1.0 V, 3.0 V, 5.0 V
<±200
ps
VIN = 1.0 V/ns
Equivalent Input Rise Time
450
ps
VIN = 0 V to 3 V, 3 V/ns
Pulse Width Linearity
<±200
ps
VIN = 0 V to 3 V, 3 V/ns, PW = 3 ns to 8 ns
Settling Time
25
ns
Settling to ±8 mV, VIN = 1 V to 0 V
Latch Timing
Input Pulse Width
1.68
ns
Setup Time
1.0
ns
Hold Time
1.1
ns
Hysteresis
6
mV
Latch inputs programmed for hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com