Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53509JSWZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD53509JSWZ
Description  High Performance Driver/Comparator Active Load on a Single Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509JSWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD53509JSWZ Datasheet HTML 4Page - Analog Devices AD53509JSWZ Datasheet HTML 5Page - Analog Devices AD53509JSWZ Datasheet HTML 6Page - Analog Devices AD53509JSWZ Datasheet HTML 7Page - Analog Devices AD53509JSWZ Datasheet HTML 8Page - Analog Devices AD53509JSWZ Datasheet HTML 9Page - Analog Devices AD53509JSWZ Datasheet HTML 10Page - Analog Devices AD53509JSWZ Datasheet HTML 11Page - Analog Devices AD53509JSWZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD53509
Rev. B | Page 9 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
26
2
3
4
5
6
7
8
9
10
11
13
14 15 16 17 18 19 20 21 22 23 24 25
12
VCCO
QL
QL
VCCO
QH
QH
VCCO
PWRGND
LEL
LEL
LEH
LEH
39
38
37
36
35
34
33
32
31
30
29
28
27
VEE
DATA
DATA
INHL
INHL
VCC
PWRGND
VEE
VL
IOLC
IOHC
HQGND
IOHRTN
1
VCC
PIN 1
IDENTIFIER
HEAT SINK UP
(Not to Scale)
AD53509
NC = NO CONNECT
40
41
42
43
44
45
46
47
48
49
50
51
52
Figure 2. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 34, 51, 52
V
Positive Power Supply.
CC
2, 5, 8
VCCO
Comparator Output Power Supply.
3
QL
Comparator Low Output, Inverting.
4
QL
Comparator Low Output, Noninverting.
6
QH
Comparator High Output, Inverting.
7
QH
Comparator High Output, Noninverting.
9, 33, 44, 46, 48
PWRGND
Ground.
10
LEL
Latch Enable Low Input, Inverting.
11
LEL
Latch Enable Low Input, Noninverting.
12
LEH
Latch Enable High Input, Inverting.
13
LEH
Latch Enable High Input, Noninverting.
14, 26
NC
Do not connect.
15
THERM
Temperature Sensor Output.
16
HCOMP
High Comparator Threshold.
17
LCOMP
Low Comparator Threshold.
18
VHDCPL
Connect 39 nF compensation capacitor to V .
EE
19
HQGND2
Ground.
20
VOUT
DUT Connection.
21
OUT_L
Active Load Output.
22
VLDCPL
Connect 39 nF compensation capacitor to V .
EE
23
IOLRTN
Active Load Low Inhibit Control.
24
VCOMS
VCOM Buffer Sense Output.
25
VCOMI
VCOM Input Voltage.
27
IOHRTN
Active Load High Inhibit Control.
28
HQGND
Ground.
29
IOHC
Active Load High Current Control Input.
30
IOLC
Active Load Low Current Control Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com