Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8285CP-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8285CP-EBZ
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285CP-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8285CP-EBZ Datasheet HTML 8Page - Analog Devices AD8285CP-EBZ Datasheet HTML 9Page - Analog Devices AD8285CP-EBZ Datasheet HTML 10Page - Analog Devices AD8285CP-EBZ Datasheet HTML 11Page - Analog Devices AD8285CP-EBZ Datasheet HTML 12Page - Analog Devices AD8285CP-EBZ Datasheet HTML 13Page - Analog Devices AD8285CP-EBZ Datasheet HTML 14Page - Analog Devices AD8285CP-EBZ Datasheet HTML 15Page - Analog Devices AD8285CP-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
AD8285
Rev. B | Page 11 of 27
Figure 10. Output Referred Noise Histogram (Gain = 16 dB)
Figure 11. Output Referred Noise Histogram (Gain = 34 dB)
Figure 12. Short-Circuit Input Referred Noise vs. Frequency
Figure 13. SNR/SINAD vs. Gain
Figure 14. Filter Response
Figure 15. Short-Circuit Output Referred Noise vs. Frequency
0
2000
4000
6000
8000
10000
12000
–7 –6 –5 –4 –3 –2 –1
0123456
7
CODE
–7 –6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
0
1000
2000
3000
4000
5000
6000
7000
CODE
0
5
10
15
0.1
1
10
FREQUENCY (MHz)
22dB
28dB
34dB
16dB
40
45
50
55
60
65
70
16
22
28
34
GAIN (dB)
SNR
SINAD
–50
–40
–30
–20
–10
0
10
20
0.1
1
10
100
FREQUENCY (Hz)
12MHz
8MHz
4MHz
2MHz
1MHz
0
20
40
60
80
100
120
140
160
180
200
0.1
1
10
FREQUENCY (MHz)
22dB
16dB
28dB
34dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com