Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8285CP-EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8285CP-EBZ
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285CP-EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8285CP-EBZ Datasheet HTML 17Page - Analog Devices AD8285CP-EBZ Datasheet HTML 18Page - Analog Devices AD8285CP-EBZ Datasheet HTML 19Page - Analog Devices AD8285CP-EBZ Datasheet HTML 20Page - Analog Devices AD8285CP-EBZ Datasheet HTML 21Page - Analog Devices AD8285CP-EBZ Datasheet HTML 22Page - Analog Devices AD8285CP-EBZ Datasheet HTML 23Page - Analog Devices AD8285CP-EBZ Datasheet HTML 24Page - Analog Devices AD8285CP-EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8285
Data Sheet
Rev. B | Page 20 of 27
Figure 32. Serial Timing Details
Table 8. Serial Timing Definitions
Parameter
Minimum Timing (ns)
Description
tDS
5
Setup time between the data and the rising edge of SCLK
tDH
2
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CS and SCLK
tH
2
Hold time between CS and SCLK
tHI
16
Minimum period that SCLK should be in a logic high state
tLO
16
Minimum period that SCLK should be in a logic low state
tEN_SDIO
10
Minimum time for the SDIO pin to switch from an input to an output relative to the
SCLK falling edge (not shown in Figure 32)
tDIS_SDIO
10
Minimum time for the SDIO pin to switch from an output to an input relative to the
SCLK rising edge (not shown in Figure 32)
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8A7
D5D4D3
D2
D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com