Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE209BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE209BBCZ
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209BBCZ Datasheet(HTML) 5 Page - Analog Devices

  ADATE209BBCZ Datasheet HTML 1Page - Analog Devices ADATE209BBCZ Datasheet HTML 2Page - Analog Devices ADATE209BBCZ Datasheet HTML 3Page - Analog Devices ADATE209BBCZ Datasheet HTML 4Page - Analog Devices ADATE209BBCZ Datasheet HTML 5Page - Analog Devices ADATE209BBCZ Datasheet HTML 6Page - Analog Devices ADATE209BBCZ Datasheet HTML 7Page - Analog Devices ADATE209BBCZ Datasheet HTML 8Page - Analog Devices ADATE209BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADATE209
Rev. A | Page 4 of 16
Parameter
Min
Typ
Max
Unit
Test
Level1
Test Conditions/Comments
DC Output Current-Limit Sink
−70
−60
−50
mA
II
Driver high, VHx = −1.0 V, short DROUTx pin to
3.5 V, then measure current
Output Resistance, ±30 mA
46.5
48.5
50.5
Ω
II
Source: driver high, VHx = 3.0 V, IDUT = 1 mA and
9 mA; sink: driver low, VLx = 0.0 V, IDUT = −1 mA
and −9 mA; ΔVDROUTx/ΔIDROUTx
Absolute Accuracy
VHx tests conducted with VLx = −1.0 V and
VTx = −1.0 V; VLx tests conducted with VHx =
3.5 V and VTx = 3.5 V; VTx tests conducted with
VLx = −1.0 V and VHx = +3.5 V
VHx, VLx, VTx Offset
−150
+20
+150
mV
II
Measured at 0.0 V, target: improve offset
VHx, VLx, VTx Offset Temperature
Coefficient
270
μV/°C
III
Measured at calibration points, 0.0 V and 2.0 V
VHx, VLx, VTx Gain
0.97
1.02
1.03
%FSR
II
Relative to straight line from 0.0 V to 2.0 V
VHx, VLx, VTx Linearity
−15
±2.4
+15
mV
II
After two-point gain/offset calibration, relative
to straight line from 0.0 V to 2.0 V
VLx, VHx, VTx Interaction
0.3
mV
III
VLx = −1.0 V, VHx swept from −0.9 V to +3.5 V,
VTx swept from −1.0 V to +3.5 V,
VHx = 3.5 V, VLx swept from −1.0 V to +3.4 V,
VTx swept from −0.8 V to +3.5 V,
VTx = 1.5 V, VLx swept from −1.0 V to +3.5 V,
VHx swept from −1.0 V to +3.5 V
VHx, VLx, VTx DC PSRR
−36
+24
+36
mV/V
II
Change in output voltage as power supplies are
moved by ±5%; measured at calibration points,
0.0 V and 2.0 V
VHx, VLx, VTx Input Bias Current
−10
+1
+10
μA
II
DRIVER AC SPECIFICATIONS
Rise/Fall Times
Toggle DAx inputs
0.2 V Programmed Swing
115
ps
V
VHx = 0.2 V, VLx = 0.0 V, terminated, 20% to 80%
0.5 V Programmed Swing
90
ps
V
VHx = 0.5 V, VLx = 0.0 V, terminated, 20% to 80%
1.0 V Programmed Swing
90
ps
V
VHx = 1.0 V, VLx = 0.0 V, terminated, 20% to 80%
2.0 V Programmed Swing
90
110
130
ps
II/V
VHx = 2.0 V, VLx = 0.0 V, terminated, 20% to 80%
3.0 V Programmed Swing
150
ps
V
VHx = 3.0 V, VLx = 0.0 V, terminated, 20% to 80%
4.0 V Programmed Swing
190
ps
V
VHx = 3.5 V, VLx = −0.5 V, terminated, 20% to 80%
Rise-to-Fall Matching
10
ps
V
VHx = 1.0 V, VLx = 0.0 V, terminated; rise to fall
within one channel
Minimum Pulse Width
Toggle both DAx and DBx inputs
0.2 V Programmed Swing
200
ps
V
VHx = 0.2 V, VLx = 0.0 V, terminated, timing error
less than ±25 ps
0.5 V Programmed Swing
180
ps
V
VHx = 0.5 V, VLx = 0.0 V, terminated, timing error
less than ±25 ps
1.0 V Programmed Swing
180
ps
V
VHx = 1.0 V, VLx = 0.0 V, terminated, timing error
less than ±25 ps
2.0 V Programmed Swing
200
ps
V
VHx = 2.0 V, VLx = 0.0 V, terminated, timing error
less than ±25 ps
3.0 V Programmed Swing
300
ps
V
VHx = 3.0 V, VLx = 0.0 V, terminated, timing error
less than ±25 ps
Maximum Toggle Rate
2.5
GHz
V
VHx = 1.0 V, VLx = 0.0 V, terminated, 10%
amplitude degradation
2.2
GHz
V
VHx = 2.0 V, VLx = 0.0 V, terminated, 10%
amplitude degradation
1.8
GHz
V
VHx = 3.0 V, VLx = 0.0 V, terminated, 10%
amplitude degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com