Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE209BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADATE209BBCZ
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADATE209BBCZ Datasheet HTML 2Page - Analog Devices ADATE209BBCZ Datasheet HTML 3Page - Analog Devices ADATE209BBCZ Datasheet HTML 4Page - Analog Devices ADATE209BBCZ Datasheet HTML 5Page - Analog Devices ADATE209BBCZ Datasheet HTML 6Page - Analog Devices ADATE209BBCZ Datasheet HTML 7Page - Analog Devices ADATE209BBCZ Datasheet HTML 8Page - Analog Devices ADATE209BBCZ Datasheet HTML 9Page - Analog Devices ADATE209BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADATE209
Rev. A | Page 5 of 16
Parameter
Min
Typ
Max
Unit
Test
Level1
Test Conditions/Comments
Dynamic Performance, Drive (VHx to VLx)
Toggle DAx inputs
Propagation Delay Time
300
660
1400
ps
II/V
VHx = 2.0 V, VLx = 0.0 V, terminated
Propagation Delay Temperature
Coefficient
0.7
ps/ºC
III
VHx = 2.0 V, VLx = 0.0 V, terminated
Delay Matching, Edge to Edge
±15
ps
V
VHx = 2.0 V, VLx = 0.0 V, terminated, rising vs. falling
Delay Matching Channel to Channel
−70
±50
+70
ps
II/V
VHx = 2.0 V, VLx = 0.0 V, terminated
Delay Change vs. Duty Cycle
±10
ps
V
VHx = 2.0 V, VLx = 0.0 V, terminated, 5% to 95%
duty cycle
Preshoot and Undershoot
10
mV
V
VHx = 2.0 V, VLx = 0.0 V, terminated
Settling Time (VHx to VLx)
Toggle DAx Inputs
To Within 3% of Final Value
0.4
ns
V
VHx = 2.0 V, VLx = 0.0 V, terminated
To Within 1% of Final Value
2
ns
V
VHx = 2.0 V, VLx = 0.0 V, terminated
Rise/Fall Times (VTx to/from VHx/VLx)
Toggle DAx inputs
1.0 V Programmed Swing
110
ps
V
VHx = 1.0 V, VTx = 0.5V, VLx = 0.0 V, terminated,
20% to 80%
2.0 V Programmed Swing
170
ps
V
VHx = 2.0 V, VTx = 1.0 V, VLx = 0.0 V, terminated,
20% to 80%
Dynamic Performance, VTERM
(VHx or VLx to/from VTx)
Toggle TERMx inputs
Propagation Delay Time
720
ps
V
VHx = 3.0 V, VTx = 1.5 V, VLx = 0.0 V, terminated
Cable Loss Compensation
Logic Control Inputs, CLCxEN
0
3.3
V
I
Logic High
0.9
3.3
V
IV
Logic Low
0
0.7
V
IV
ICLCxEN
−10
±1.2
+10
μA
II
VIN = 0.0 V and 3.3 V
Compensation Constants
Boost Time Constant
275
ps
V
CLCxEN = 3.3 V, VHx = 1.0 V, VLx = 0.0 V,
terminated
Boost Peaking Amplifier
18
%
V
CLCxEN = 3.3 V, VHx = 1.0 V, VLx = 0.0 V,
terminated
1 See the Explanation of Test Levels section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com