Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN7801 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN7801
Description  KSZ9897 Switch Evaluation Board with LAN7801 & KSZ9031
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7801 Datasheet(HTML) 1 Page - Microchip Technology

  LAN7801 Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
KSZ9897 Switch Evaluation Board with
LAN7801 & KSZ9031
Part Number: EVB-KSZ9897
 
 
The EVB-KSZ9897 Evaluation Board supports evaluation of the KSZ9897 7-Port Gigabit Ethernet
Switch in un-managed mode. The fully featured board has 5 RJ-45 sockets with the two remaining
ports being connected to a KSZ9031 PHY and a LAN7801 USB to Ethernet Bridge. The board has
connectivity for the MIIM PHY management bus, and also allows for in-band access to registers via
the USB Bridge.
Features
o
Six Ethernet Ports
o
One USB Port
o
KSZ9897 Gigabit Ethernet Switch
o
KSZ0931 Gigabit PHY
o
LAN7801 USB to Gigabit Etherent Bridge
 
 
 
 
http://www.microchip.com/developmenttools/productdetails.aspx?partno=evb-ksz9897 3/29/2017
 


Similar Part No. - LAN7801

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAN7241-50R LINKCOM-LAN7241-50R Datasheet
76Kb / 1P
2.5G BASE-T Magnetics Module
LAN7241-70R LINKCOM-LAN7241-70R Datasheet
78Kb / 1P
2.5G BASE-T Magnetics Module
LAN7242-52R LINKCOM-LAN7242-52R Datasheet
74Kb / 1P
10/100/1000BASE-T Magnetics Module
LAN7246-50R LINKCOM-LAN7246-50R Datasheet
70Kb / 1P
5G BASE-T Magnetics Module
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
More results

Similar Description - LAN7801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
Switch Mode Charger Evaluation Board
2005
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
Evaluation board with robotic capabilities
logo
AverLogic Technologies ...
AL460A-EVB-A0 AVERLOGIC-AL460A-EVB-A0 Datasheet
281Kb / 10P
Evaluation Board with HSMC Adaptor
logo
STMicroelectronics
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
logo
Microchip Technology
KSZ9477 MICROCHIP-KSZ9477 Datasheet
36Kb / 1P
KSZ9477 Managed Switch Evaluation board with SAMA5D36 MPU
3/29/2017
logo
Monolithic Power System...
EV4816A-G-00A MPS-EV4816A-G-00A Datasheet
232Kb / 5P
180V, 16-Channel Analog Switch Evaluation Board
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
logo
Microchip Technology
EVB-KSZ9477 MICROCHIP-EVB-KSZ9477 Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com