Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS042 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS042
Description  PowerCal??Calibration Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS042 Datasheet(HTML) 3 Page - Microchip Technology

  PS042 Datasheet HTML 1Page - Microchip Technology PS042 Datasheet HTML 2Page - Microchip Technology PS042 Datasheet HTML 3Page - Microchip Technology PS042 Datasheet HTML 4Page - Microchip Technology PS042 Datasheet HTML 5Page - Microchip Technology PS042 Datasheet HTML 6Page - Microchip Technology PS042 Datasheet HTML 7Page - Microchip Technology PS042 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 2002 Microchip Technology Inc.
DS40237A-page 3
PS042
2.2
Jumpers
• ADR – jumper for board address identification
O – open, X – connect
• COM and RX – jumpers to select RS-232 or
RS-485
3.0
FUNCTIONAL DESCRIPTION
With the current firmware, the PowerCal board can
perform programming and test of packs and modules
and the calibration of pack and cell voltages on packs.
Apply power (24V DC) to the board at either the JP
connector using an A/C wall adapter or at TBP
connector. To use a single PowerCal board connected
to the serial port of a PC, configure the COM and RX
jumpers for RS-232 and connect the P1 connector to
the PC serial port. To use multiple boards per COM
port, configure the COM and RX jumpers for RS-485
and connect the P1 connector to the RS-485 connector
on the PC card. Additional PowerCal boards my be
added by connecting J1 on the first board to P1 on the
next using a standard (straight-through) PC serial
cable. Up to seven boards may be added in this
manner. Use the ADR jumper to give each board a
unique address. Install and run Microchip’s PowerTool
software on the PC. The calibration platform is ready to
use.
3.1
Pack Programming, Calibration
and Test
Attach the external pack contacts of the Microchip
SmartBattery pack (V+, C, D, T, V-) to the same
terminals on the TBB connector. Using PowerTool
software, the EEPROM can be programmed and the
pack voltage can be calibrated. To program OTP
memory, the VPP contact in the pack must be
connected to VPP on the TBB connector. The additional
connection is only necessary for OTP programming.
Additional PowerTool features, such as final test, can
also be performed on the pack.
3.2
VCELL Calibration
Additional connections to the TBB connector are
necessary for the calibration of individual cell voltages.
The bottom of the cell stack is connected to VR, the
top of the cell stack is connected to V1, and the
intermediate cell connections are made from the top-
down. In other words, V2 is connected to the next cell
below V1, V3 below V2, and V4 below V3. For 3-cell
packs, do not connect V4. For 2-cell packs – do not
connect V3 and V4. PowerTool software is used to
calibrate the cell voltages.
Jumper Position
Address
3-4
2-5
1-6
0
XXX
1X
X
O
2X
O
X
3X
O
O
4O
X
X
5O
X
O
6O
O
X
7
OOO
1
2
3
6
5
4
1
2
3
COM
RX
RS-232
1
2
3
6
5
4
1
2
3
COM
RX
RS-485
Jumper Symbol



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com