Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS042 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS042
Description  PowerCal??Calibration Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS042 Datasheet(HTML) 1 Page - Microchip Technology

  PS042 Datasheet HTML 1Page - Microchip Technology PS042 Datasheet HTML 2Page - Microchip Technology PS042 Datasheet HTML 3Page - Microchip Technology PS042 Datasheet HTML 4Page - Microchip Technology PS042 Datasheet HTML 5Page - Microchip Technology PS042 Datasheet HTML 6Page - Microchip Technology PS042 Datasheet HTML 7Page - Microchip Technology PS042 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 2002 Microchip Technology Inc.
DS40237A-page 1
M
PS042
Features
• Hardware platform for configuration, verification,
precision calibration and production test of
Microchip PowerSmart® smart battery systems
• Operates under control of Windowsbased
PowerTool software through COM port Interface
to PC
• Directly connects to assembled smart battery
pack or to stand-alone PowerSmart battery
electronics
• Supports loading and verification of battery
configuration parameters and 3D cell models in
PS40X EEPROM and OTP memory
• Precision analog hardware calibrates
PowerSmart battery pack for maximum possible
accuracy in current, voltage and temperature
measurements
• Programmable load capable of drawing up to 36W
continuous discharge power from battery pack
during calibration using natural-convection
cooling
• Supports higher power ratings at reduced duty
cycles, and/or with forced-air cooling
• Powered by 24V DC external supply (included)
• Extensive safety features including production
proven EMI/ESD protection, fuses for device
under test and optical isolation of serial port
• Dimensions: 8.66"W x 9.13"L x 2.06"H
Board Photo
Ordering Information
Development/Test Software
Part No.
Description
PS042
PowerCal calibration board
Part No.
Description
PS040
PowerTool™
PowerCal™ Calibration Platform


Similar Part No. - PS042

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS04 CUI-PS04 Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
logo
Same Sky Devices
PS04 SAMESKY-PS04 Datasheet
239Kb / 5P
PRESSURE SENSOR
09/12/2024
logo
CUI INC
PS04-G100KP-A4W CUI-PS04-G100KP-A4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
PS04-G100KP-V4W CUI-PS04-G100KP-V4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
PS04-G10KP-A4W CUI-PS04-G10KP-A4W Datasheet
328Kb / 5P
PRESSURE SENSOR
12/09/2021
More results

Similar Description - PS042

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS052 MICROCHIP-PS052 Datasheet
244Kb / 12P
PowerCal??2 Calibration Platform
2004
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
Calibration
logo
Rosenberger Hochfrequen...
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
Calibration Kit
03K128-K20N3 ROSENBERGER-03K128-K20N3 Datasheet
506Kb / 3P
Calibration Adaptor
153QS105-S20S3 ROSENBERGER-153QS105-S20S3 Datasheet
725Kb / 3P
Calibration Adaptor
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
Calibration Kit
08K150-C10S3 ROSENBERGER-08K150-C10S3 Datasheet
551Kb / 3P
Calibration Load
09S121-S20S3 ROSENBERGER-09S121-S20S3 Datasheet
88Kb / 3P
Calibration Adaptor
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
Calibration Kit
05K165-K20S3 ROSENBERGER-05K165-K20S3 Datasheet
666Kb / 3P
Calibration Adaptor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com