Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4160 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS4160
Description  PS401 Battery Manager Module with LED SOC Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4160 Datasheet(HTML) 4 Page - Microchip Technology

  PS4160 Datasheet HTML 1Page - Microchip Technology PS4160 Datasheet HTML 2Page - Microchip Technology PS4160 Datasheet HTML 3Page - Microchip Technology PS4160 Datasheet HTML 4Page - Microchip Technology PS4160 Datasheet HTML 5Page - Microchip Technology PS4160 Datasheet HTML 6Page - Microchip Technology PS4160 Datasheet HTML 7Page - Microchip Technology PS4160 Datasheet HTML 8Page - Microchip Technology PS4160 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS4160
DS40235B-page 4
 2003 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
2.1
PS401 Fuel Gauge
The module fuel gauge provides State-of-Charge
(SOC) and battery status data in accordance with the
SMBus standards version 1.1. The PS401 monitors the
cell voltages, battery temperature, and current to deter-
mine SOC and battery status. The State-of-Charge
calculations are compensated for cell self discharge.
The remaining time calculation is compensated for
temperature and discharge rate. The parameters for
determining battery status flags and alarm thresholds
are all programmable as is the battery design capacity
and the battery performance model data. Please refer
to the PS401 Single Chip Battery Manager Data Sheet
(DS40238) for details on configuring the PS401.
2.2
Primary Safety
The primary safety circuit provides cell protection from
conditions of overcharge, overdischarge and over-
current. Analog IC MM1414DV from Mitsumi measures
individual cell voltages and voltage across the
discharge FET. These values are compared against
internal reference values and the gates of two
P-channel power MOSFETs are controlled based on
the comparison results.
2.3
Secondary Safety
A secondary level of safety protection is provided on
the PS4160. GPIO<6> (pin 4) of the PS401, with R25
removed and bit 2 of FLAGS1 = 0, is programmed to
provide backup overcharge protection and is activated
in the case of pack over voltage, over temperature or
charge over current. In the situation where the param-
eter being monitored is the same as that of the
MM1414 the limits are set beyond those of the
MM1414. This means that the secondary protection is
triggered only in the event the primary protection fails
to activate.
2.4
Ultimate Safety
The third level of safety protection is activated by
GPIO<7> (pin 5) of the PS401 when R23 is removed
and bit 2 of FLAGS1 = 0. This pin is activated whenever
any individual cell voltage is measured above a pro-
grammable limit that is beyond both the primary and
secondary safety limits. An N-channel MOSFET is
turned on and allows current to pass through the resis-
tive heater section of a fuse. This heating opens the
fuse, permanently disabling the pack from further
charge or discharge.
2.5
OTP EPROM Programming
To write to the OTP EPROM, an additional voltage
(VPP) must be applied to the PS401. This programming
voltage can be obtained from the PowerInfo board and
applied to the PS4160 at connection VP (small thru-
hole) located on the small edge of the board opposite
the connector edge. Then use the utilities located on
the PS OTP page of the PowerTool software to write
new values to the PS401 OTP EPROM.
2.6
Programmable I/Os
The PS4160 features four additional pins, GPIO<3:0>
(pins 24-27), which are used to drive the LED SOC
display. GPIO<5> (pin 3), is connected to the switch
which activates the LED display. Alternately, these
GPIOs may be used for other purposes by removing
the unused LEDs, programming the pins appropriately,
and using the adjacent test points to monitor the pins.
3.0
BOARD DESCRIPTION
PCB schematics and bill of materials are included
here for
completeness.
To
download
full
size
schematic and BOM, please visit the Microchip web
site (www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com