Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS4160 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS4160
Description  PS401 Battery Manager Module with LED SOC Display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4160 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS4160 Datasheet HTML 2Page - Microchip Technology PS4160 Datasheet HTML 3Page - Microchip Technology PS4160 Datasheet HTML 4Page - Microchip Technology PS4160 Datasheet HTML 5Page - Microchip Technology PS4160 Datasheet HTML 6Page - Microchip Technology PS4160 Datasheet HTML 7Page - Microchip Technology PS4160 Datasheet HTML 8Page - Microchip Technology PS4160 Datasheet HTML 9Page - Microchip Technology PS4160 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS4160
DS40235B-page 6
 2003 Microchip Technology Inc.
TABLE 3-1:
BILL OF MATERIALS
Symbols
Description
Manufacturer
Manufacturer
Part Number
Qty
C9
Capacitor, Ceramic, 10 nF, 25V, +/- 10%, X7R dielectric, 0603
Panasonic
ECJ-1VB1E103K
1
C18, C20
Capacitor, Ceramic, 1.0 nF, 50V, +/-10%, X7R dielectric, 0603
Panasonic
ECJ-1VB1H102K
2
C10
Capacitor, Ceramic, 2.2 nF, 50V, +/-10%, X7R dielectric, 0603
Panasonic
ECJ-1VB1H222K
1
C19
Capacitor, Ceramic, 47 pF, 50V, +/-5%, C0G dielectric, 0603
Panasonic
ECJ-1VC1H470J
1
C2-C4, C6
C11-C17
Capacitor, Ceramic, 100 nF, 25V, +80%/-20%, Y5V dielectric, 0603
Panasonic
ECJ-1VF1E104Z
11
C8
Capacitor, Ceramic, 100 nF, 25V, +/-10%, X7R dielectric, 0805
Panasonic
ECJ-2VB1E104K
1
C5, C7
Capacitor, Ceramic, 330 nF, 25V, +80%/-20%, Y5V dielectric, 0805
Panasonic
ECJ-2YF1E334Z
2
C1
Capacitor, Ceramic, 330 nF, 25V, +/-10%, X7R dielectric, 1206
Panasonic
ECJ-3VB1E334K
1
LED0-
LED3
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
4
D3
TVS, 20V, 600W, unipolar, SMB package
Diodes, Inc.
Crydom
SMBJ20A-13
SMBJ20A
1
D1, D2
Dual Zener Diode, 5.6V +/- 5%, 300 mW, common-anode, SOT-23
Diodes Inc.
General
Semiconductor
AZ23C5V6-7
AZ23-C5V6
2
F1
Fuse, battery-pack protector, 7A, 36 VDC, 50A breaking capacity,
5 +/- 1.5 mOhm resistance, 31.6 +/- 3.2 ohms heater resistance,
11.1-25.0V heater operating voltage range, UL248-14, 3-terminal
surface-mount package
Sony
Chemicals
SFD-167A
1
Raw PCB, PS4160
Microchip
Technology Inc.
PCB-826127-01-03
1
Q4
Transistor, NPN, 40V, 350 mW SOT-23
Diodes Inc.
MMBT3904-7
1
Q6
Transistor, PNP, -40V, 350 mW SOT-23
Diodes Inc.
MMBT3906-7
1
Q5, Q8
MOSFET, P-channel enhancement-mode, -50V, 250 mW, surface-
mount package
Sanyo
5HP01M
2
Q1, Q2
MOSFET, P-channel enhancement-mode, -30V, -11A, 9.5 mOhm,
1.9W, SO-8
Toshiba
TPC8108
2
Q7
MOSFET, N-channel enhancement-mode, 60V, 115 mA, 7.5 Ohm,
200 mW, SOT-23
Fairchild
Semiconductor
2N7002
1
Q3
MOSFET, N-channel enhancement-mode, 30V, 1.6A, 0.125 Ohm,
500 mW, SOT-23
Fairchild
Semiconductor
NDS355N
1
R26
Resistor, film, 0603, 1%, 221 kOhms
Panasonic
ERJ-3EKF2213V
1
R1
Resistor, film, 0603, 1%, 3.65 kOhms
Panasonic
ERJ-3EKF3651V
1
R35
Resistor, film, 0603, 1%, 365 ohms
Panasonic
ERJ-3EKF3650V
1
R16, R21,
R23, R25,
R28, R30
Resistor, zero-ohm, 0603
Panasonic
ERJ-3GEY0R00V
6
R34
Resistor, film, 0603, 5%, 1.5 kOhms
Panasonic
ERJ-3GEYJ152V
1
R31
Resistor, film, 0603, 5%, 100 ohms
Panasonic
ERJ-3GEYJ101V
1
R5-R8
Resistor, film, 0603, 5%, 150 ohms
Panasonic
ERJ-3GEYJ151V
4
R32
Resistor, film, 0603, 5%, 15 ohms
Panasonic
ERJ-3GEYJ150V
1
R41
Resistor, film, 0603, 5%, 2.0 Megohms
Panasonic
ERJ-3GEYJ205V
1
R24,
R37-R38
Resistor, film, 0603, 5%, 200 kOhms
Panasonic
ERJ-3GEYJ204V
3
R40
Resistor, film, 0603, 5%, 20 kOhms
Panasonic
ERJ-3GEYJ203V
1
R2-R4,
R11-R14
Resistor, film, 0603, 5%, 220 ohms
Panasonic
ERJ-3GEYJ221V
7
R15
Resistor, film, 0603, 5%, 330 ohms
Panasonic
ERJ-3GEYJ331V
1
R39
Resistor, film, 0603, 5%, 430 kOhms
Panasonic
ERJ-3GEYJ434V
1
R29, R33
Resistor, film, 0603, 5%, 5.1 kOhms
Panasonic
ERJ-3GEYJ512V
2
R9-R10
Resistor, film, 0805, 5%, 360 ohms
Panasonic
ERJ-6GEYJ361V
2
R36
Resistor, metal strip, 2512, 1%, 0.020 ohms
Vishay
WSL2512-0.020-
1%-R86
1
SW1
Switch, SPST-momentary, push button, surface-mount
ALPS
SKQGADE010
1
U1
IC, Single-chip Battery Manager, programmable, -25
°C to 85°C,
SSOP-28
Microchip
Technology Inc.
PS401
1
U2
IC, Battery Protection Circuit, Li-Ion, 3- or 4-cell, -20
°C to 70°C,
TSOP-20
Mitsumi
MM1414DV
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com