Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5164 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS5164
Description  PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5164 Datasheet(HTML) 2 Page - Microchip Technology

  PS5164 Datasheet HTML 1Page - Microchip Technology PS5164 Datasheet HTML 2Page - Microchip Technology PS5164 Datasheet HTML 3Page - Microchip Technology PS5164 Datasheet HTML 4Page - Microchip Technology PS5164 Datasheet HTML 5Page - Microchip Technology PS5164 Datasheet HTML 6Page - Microchip Technology PS5164 Datasheet HTML 7Page - Microchip Technology PS5164 Datasheet HTML 8Page - Microchip Technology PS5164 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS5164
DS21850B-page 2
 2004 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PS5164 module is a complete smart battery
controller subsystem based on the Microchip PS501
field reprogrammable battery manager with patented
Accuron® technology. The module is designed to
operate in a battery pack consisting of four (4) series
connected Li-based cells. The module consists of the
Microchip PS501 battery manager IC with a four-LED
SOC display and an optional connection for an external
thermistor.
1.1
Quick Start – Pack Assembly
Follow these directions to assemble a pack with the
PS5164 module.
• Use standard precautions when handling static
sensitive devices.
• Modules should be connected to battery cells in
the order indicated below to insure proper start-up
and operation. Wires should be attached to the
modules first and then connected to the battery
cells as instructed.
• The connection sequence is critical to successful
use of the PS501 family of CMOS ASICs. The
pack positive should be securely connected to the
module first, followed by the intermediate cells
from most positive to least positive and finally,
pack negative.
Step 1)
Configure the module for optional external
thermistor use. PS5164 modules are shipped
configured to use the internal temperature
sensor only. To add an external thermistor to
the board, remove resistor R16 (side 2) and
connect the thermistor across via TN and TR.
Step 2)
Connect wires to module. Use large diameter
wire (18 AWG-20 AWG) for current carrying
lines from VR, V1, B+ and BN. All others are
signal only lines (24 to 22 AWG).
Step 3)
Connect external connector to BN, T, C, D
and B+.
Step 4)
Connect V1 to the most positive point on the
battery cell stack.
Step 5)
Connect the negative end of the top-most cell
to V2, the negative end of the next cell to V3
and the negative end of the third cell to V4.
Step 6)
Connect VR to the most negative point on the
battery cell stack.
Step 7)
Program
the
assembled
pack
using
Microchip’s software and PowerCal™ board
or PowerInfo™ board hardware.
The memory parameters can be changed at
will using the utilities on the memory page in
the software.
Step 8)
Calibrate the pack using the software and
PowerCal™ board hardware. The pack is
now ready for use.
FIGURE 1-1:
CONNECTION POINTS (SIDE 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com