Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS5164 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS5164
Description  PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS5164 Datasheet(HTML) 1 Page - Microchip Technology

  PS5164 Datasheet HTML 1Page - Microchip Technology PS5164 Datasheet HTML 2Page - Microchip Technology PS5164 Datasheet HTML 3Page - Microchip Technology PS5164 Datasheet HTML 4Page - Microchip Technology PS5164 Datasheet HTML 5Page - Microchip Technology PS5164 Datasheet HTML 6Page - Microchip Technology PS5164 Datasheet HTML 7Page - Microchip Technology PS5164 Datasheet HTML 8Page - Microchip Technology PS5164 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS21850B-page 1
PS5164
Features
• PS501 tested, fully populated modules for
evaluation
• Designed to work with 4 series cell Lithium
chemistry configurations
• Performs all major Lithium battery management
functions, including:
- Accurate capacity monitoring
- Lithium cell protection
• SOC display with four LEDs and a switch
• Fully compliant with industry standard
Smart Battery Data Specification v1.1a
• SMBus v1.1 with PEC/CRC-8 communication
with system host
• High accuracy measurement of charge/discharge
current, voltage and temperature with on-chip
16-bit integrating A/D
• Precise capacity reporting using Microchip
patented algorithms and 3D battery cell models
• 3D models and “learned” parameters stored in
integrated memory
• Complete hardware and software development
tools available:
- PS050 PC software
- ICD (In-Circuit Debugger) port to support
development of custom code
• Extremely low-power operation:
- Run mode: 170
µA typical
- Low-Voltage Sleep mode: 45
µA typical
- Shelf-Sleep mode: 25
µA typical
• Overall mechanical dimensions:
- 0.525 W x 2.500 L (inches)
- 13.3 W x 63.5 L (millimeters)
Ordering Information
Part Number
Description
PS5164
Li Ion/Poly – 4 series cells
PS501 Four-Cell Battery Manager Module with
LED SOC Display for Lithium Chemistries


Similar Part No. - PS5164

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
More results

Similar Description - PS5164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Microchip Technology
PS402-01XX MICROCHIP-PS402-01XX Datasheet
614Kb / 46P
Single Chip Battery Manager - Nickel Chemistries
2003
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
Nickel Chemistry Battery Manager Module with LED SOC Display
2004
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
Three/Four-cell Lithium-Ion Battery Protection IC
logo
Microchip Technology
PS4160 MICROCHIP-PS4160 Datasheet
244Kb / 10P
PS401 Battery Manager Module with LED SOC Display
03/25/03
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
PS402 Battery Manager Module with LED SOC Display
02/12/03
logo
SHOUDING Shouding Semic...
SD8065 SHOUDING-SD8065 Datasheet
1Mb / 13P
Lithium titanate battery, lithium battery charge manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com