Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF15SC6 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF15SC6
Description  Schottky Rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF15SC6 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  SF15SC6 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd SF15SC6 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SF15SC6
60V 15A
Copyright & Copy;2001 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit:mm
RATINGS
SHINDENGEN
Case : FTO-220
Dual
Schottky Rectifiers (SBD)
œAbsolute Maximum Ratings (Unless otherwise specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
60
V
Repetitive Peak Surge Reverse Voltage
VRRSM Pulse width 0.5ms, duty 1/40
65
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=122Ž
15
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
160
A
Repetitive Peak Surge Reverse Power
PRRSM Pulse width 10ìs, Rating of per diode, Tj=25Ž
330
W
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR (Recommended torqueF0.3N¥m)
0.5
N¥m
œElectrical Characteristics (Unless otherwise specified, Tc=25Žj
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A,
Pulse measurement, Rating of per diode
Max 0.63
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max 6.0
mA
Junction Capacitance
Cj
f=1MHz, VR=10V, Rating of per diode
Typ 260
pF
Æjc
junction to case
Max 2.0
Ž/W
Thermal Resistance
Æjf
junction to heatsink
Max 4.5
Ž/W
Æcf
case to heatsink
Max 2.5
Ž/W


Similar Part No. - SF15SC6

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF15SC4 SHINDENGEN-SF15SC4 Datasheet
305Kb / 10P
SCHOTTKY RECTIFIER (SBD)
More results

Similar Description - SF15SC6

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com